Electronic Components Datasheet Search
  English  ▼

X  

STA3350F Datasheet(PDF) 2 Page - AUK corp

Part # STA3350F
Description  PNP Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STA3350F Datasheet(HTML) 2 Page - AUK corp

  STA3350F Datasheet HTML 1Page - AUK corp STA3350F Datasheet HTML 2Page - AUK corp STA3350F Datasheet HTML 3Page - AUK corp STA3350F Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-T5B006-000
2
STA3350F
Absolute Maximum Ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-3
A
PC
0.5
W
Collector Power dissipation
PC
※
1
W
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
※
Device mounted on ceramic substrate (250mm2ⅹ0.8t)
Electrical Characteristics
[Ta=25℃]
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-
-
-1
µA
Emitter cut-off current
IEBO
VEB=-6V, IC=0
-
-
-1
µA
hFE
VCE=-2V, IC=-0.5A*
120
-
240
DC current gain
hFE
VCE=-2V, IC=-2A*
40
-
-
Collector-emitter saturation voltage
VCE(sat)
IC=-1A, IB=-0.05A*
-
-
-0.35
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB=-0.1A*
-
-0.97
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-0.05A
-
250
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
28
-
pF
Turn-on Time
ton
-
100
-
Storage Time
tstg
-
300
-
Switching
Time
Fall Time
tf
-
50
-
ns
*: Pulse test : tP≤300µs, Duty cycle≤2%
※
Recommend PCB solder land
[Unit: mm]
<



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com