Electronic Components Datasheet Search
  English  ▼

X  

19871 Datasheet(PDF) 1 Page - Belden Inc.

Part # 19871
Description  G-Series Power Single-Ended Cordset: Female, angled, 4-pin, grey body, 50V AC/DC, 10 A; PVC grey cable, 0.75 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

19871 Datasheet(HTML) 1 Page - Belden Inc.

  19871 Datasheet HTML 1Page - Belden Inc. 19871 Datasheet HTML 2Page - Belden Inc. 19871 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: G 4 KW 1 F grey
G-Series Power Single-Ended Cordset: Female, angled, 4-pin, grey body, 50V
AC/DC, 10 A; PVC grey cable, 0.75 mm²
Product Description
G-Series Power Single-Ended Cordset: Female, angled, 4-pin, grey body, 50V AC/DC, 10 A; PVC grey cable, 0.75 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3 Pin 4
white yellow black violet
Technical Data
Product Family:
Power Connector
Product Sub Family:
G Series
Brand:
Hirschmann
Connector Type:
Cordset, single ended
Type of Contact / Gender:
female
Connector Design:
angled
Number of Pins:
4
Shielding:
Unshielded
Attachment Type:
Central Screw
Rated Voltage:
50V AC/DC
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC/DC
Rated Current*:
10 A
Contact Resistance:
≤ 10 mOhm
Mating Cycles:
≤ 50
Type of Connection:
solder


Similar Part No. - 19871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1987106 PHOENIX-1987106 Datasheet
51Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 SZS-SCREW
logo
Tyco Electronics
1987152-1 MACOM-1987152-1 Datasheet
1,001Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
1987152-2 MACOM-1987152-2 Datasheet
1,001Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
1987155-1 MACOM-1987155-1 Datasheet
906Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
1987155-2 MACOM-1987155-2 Datasheet
906Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
More results

Similar Description - 19871

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-16-G-1-300 ASSMANN-AWG28-16-G-1-300 Datasheet
237Kb / 1P
Grey Ribbon Cable, 28AWG
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
GREY RIBBON CABLE
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
GREY RIBBON CABLE
AWG28-26-G-1-300 ASSMANN-AWG28-26-G-1-300 Datasheet
575Kb / 1P
GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
GREY RIBBON CABLE
AWG28-44-G-1-300-R ASSMANN-AWG28-44-G-1-300-R Datasheet
582Kb / 1P
GREY RIBBON CABLE
AWG28-50-G-1-300-R ASSMANN-AWG28-50-G-1-300-R Datasheet
562Kb / 1P
GREY RIBBON CABLE
logo
Molex Electronics Ltd.
1300630089 MOLEX11-1300630089 Datasheet
29Kb / 1P
Quick-Change Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 10 AWG PVC Cable
logo
Weidmuller
9019040000 WEIDMULLER-9019040000 Datasheet
226Kb / 3P
Wire-end ferrule, Standard, 10 mm, 8 mm, grey
November 9, 2021
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com