Electronic Components Datasheet Search
  English  ▼

X  

RSC409 Datasheet(PDF) 1 Page - Belden Inc.

Part # RSC409
Description  7/8" Power Field Attachable Connector: Male, straight, 4-pin, black housing, 230 V AC/DC, 9 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSC409 Datasheet(HTML) 1 Page - Belden Inc.

  RSC409 Datasheet HTML 1Page - Belden Inc. RSC409 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: RSC 40/9
7/8" Power Field Attachable Connector: Male, straight, 4-pin, black housing,
230 V AC/DC, 9 A
Product Description
7/8" Power Field Attachable Connector: Male, straight, 4-pin, black housing, 230 V AC/DC, 9 A
Technical Drawing
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
7/8"
Brand:
Lumberg Automation
Connector Type:
Field Attachable
Type of Contact / Gender:
male
Connector Design:
straight
Number of Pins:
4
Shielding:
Unshielded
Attachment Type:
Coupling screw with external threads
Rated Voltage:
250 V AC/DC
Operating Voltage:
230 V AC/DC
Rated Current*:
9 A
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Type of Connection:
screw terminal
Cable Gland:
PG 9
Conductor Cross Section:
max. 1.5 mm²
Ambient Temperature (Operation)*: -40 °C to +90 °C
Protection Degree / IP Rating**:
IP67
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)


Similar Part No. - RSC409

ManufacturerPart #DatasheetDescription
logo
Lumberg
RSC401-11 LUMBERG-RSC401-11 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-13.5 LUMBERG-RSC401-13.5 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-16 LUMBERG-RSC401-16 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC401-9 LUMBERG-RSC401-9 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
logo
Belden Inc.
RSC4011 BELDEN-RSC4011 Datasheet
536Kb / 2P
7/8" Power Field Attachable Connector: Male, straight, 4-pin, black housing, 230 V AC/DC, 9 A
More results

Similar Description - RSC409

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com