Electronic Components Datasheet Search
  English  ▼

X  

STAS20V0 Datasheet(PDF) 1 Page - Belden Inc.

Part # STAS20V0
Description  Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 2-pinPE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

STAS20V0 Datasheet(HTML) 1 Page - Belden Inc.

  STAS20V0 Datasheet HTML 1Page - Belden Inc. STAS20V0 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: STAS 20 V0
Rectangular Field Attachable Power Connector (ST Series): Male, straight
with strain relief , 2-pin+PE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
Product Description
Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 2-pin+PE, grey housing, 230 V AC/DC, 16 A AC/6 A DC
Technical Drawing
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
ST-Series
Brand:
Hirschmann
Connector Type:
Field attachable
Type of Contact / Gender:
male
Connector Design:
Straight with strain relief
Number of Pins:
2+PE
Shielding:
Unshielded
Attachment Type:
safety bracket
Rated Voltage:
250 V AC/DC
Rated Impulse Voltage:
2.5 kV
Operating Voltage:
230 V AC/DC
Rated Current*:
16 A AC / 10 A DC
Contact Resistance:
≤ 10 mOhm
Mating Cycles:
max. 50
Type of Connection:
screw terminal
Cable Gland:
PG 7
Conductor Cross Section:
0.25 mm² to 1.50 mm²
Strain-Relief:
Cable clamp
Suitable Cables:
Ø4 mm to Ø6.5 mm


Similar Part No. - STAS20V0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAS2 ETC2-STAS2 Datasheet
156Kb / 2P
Hirschmann Automation and Control GmbH
logo
Apex Electronics Co., L...
STAS2 APEX-ELECTRONICS-STAS2 Datasheet
672Kb / 5P
Miniature toggle switches, IP67
STAS2T1A1M2CES APEX-ELECTRONICS-STAS2T1A1M2CES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
STAS2T1A1M2QES APEX-ELECTRONICS-STAS2T1A1M2QES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
STAS2T1A1M2RES APEX-ELECTRONICS-STAS2T1A1M2RES Datasheet
672Kb / 5P
Miniature toggle switches, IP67
More results

Similar Description - STAS20V0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
750-517 ETC2-750-517 Datasheet
110Kb / 1P
2-Channel Relay Output Module AC 230 V, DC 300 V
LC1D32P7 ETC2-LC1D32P7 Datasheet
78Kb / 5P
32 A - 230 V AC coil
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
207 ALPHAWIRE-207 Datasheet
212Kb / 2P
M12-A Male 5 Pin Field Attachable
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
logo
Schneider Electric
TM5SDO2DTRFS SCHNEIDER-TM5SDO2DTRFS Datasheet
125Kb / 3P
Discrete output module, Modicon TM5, relay 2O, 24V DC/230 V AC, 6 A, relay, 2 NO
Apr 8, 2022
logo
Advantech Co., Ltd.
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
logo
TRACO Electronic AG
TXL230 TRACOPOWER-TXL230 Datasheet
368Kb / 4P
AC/DC Enclosed Power Supply TXL 230 Series, 230 Watt
Rev. June 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com