Electronic Components Datasheet Search
  English  ▼

X  

STC918SF Datasheet(PDF) 2 Page - AUK corp

Part # STC918SF
Description  NPN Silicon Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STC918SF Datasheet(HTML) 2 Page - AUK corp

  STC918SF Datasheet HTML 1Page - AUK corp STC918SF Datasheet HTML 2Page - AUK corp STC918SF Datasheet HTML 3Page - AUK corp STC918SF Datasheet HTML 4Page - AUK corp STC918SF Datasheet HTML 5Page - AUK corp STC918SF Datasheet HTML 6Page - AUK corp STC918SF Datasheet HTML 7Page - AUK corp STC918SF Datasheet HTML 8Page - AUK corp STC918SF Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KST-2107-000
2
│S21│
2
(1-│S11│2)(1-│S22│2)
*2 :
*2 :
*2 :
*2 : Maximum unilaterial gain (Gu MAX)=
│S21│
│S12│
(K±√(K2-1)
, if K>1
│S12│
│S21│
, if K<1
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
20
V
Collector-Emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
TC=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO*1
IC=100µA, IE=0
20
-
-
V
Collector-Emitter breakdown voltage
BVCEO*1
IC=100uA, IB=0
10
-
-
V
Collector cut-off current
ICBO*1
VCB=10V, IE=0
-
-
0.1
µA
Emitter cut-off current
IEBO*1
VEB=1V, IC=0
-
-
0.1
µA
DC current gain
hFE*1
VCE=6V, IC=5mA
50
-
-
-
Transition frequency
fT
VCE=6V, IE=15mA
-
9
-
GHz
VCB=1V, IE=0, f=1MHz
-
0.4
-
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
0.3
-
pF
Performance Characteristics
TC=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCE=1V, IC=1mA, f=1GHz
-
7
-
Insertion Gain
│S21│
2
VCE=6V, IC=15mA, f=1GHz
-
15
-
dB
VCE=1V, IC=1mA, f=1GHz
-
13
-
Maximum Unilateral Gain
GuMAX*2
VCE=6V, IC=15mA, f=1GHz
-
17
-
dB
Maximum Available Gain
MAG*3
VCE=6V, IC=15mA, f=1GHz
-
18
-
Maximum Stable Gain
MSG*4
VCE=1V, IC=1mA, f=1GHz
-
12
-
dB
VCE=1V, IC=1mA, f=1GHz
-
1.6
-
Noise Figure(Minimum)
NFMIN
VCE=6V, IC=5mA, f=1GHz
-
1.4
dB
VCE=1V, IC=1mA, f=1GHz
-
24
-
Noise Resistance
RN
VCE=6V, IC=5mA, f=1GHz
-
19
-
Ω
VCE=1V, IC=1mA, f=1GHz
10
Associated Gain at Minimum NF
GNF
VCE=6V, IC=5mA, f=1GHz
15
dB
Output Power at 1.0dB Gain
Compression
P1dB
VCE=6V, IC=15mA, f=1GHz
-
13
-
dBm
Output 3’rd Intercept
OIP3*5
VCE=6V, IC=15mA, f=1GHz
-
28
-
dBm
*1 :
*1 :
*1 :
*1 : Pulse width ≤ 300us, Duty cycle ≤ 2% pulsed.
*3 :
*3 :
*3 :
*3 : Maximum Avaible Gain(MAG)=
*4 :
*4 :
*4 :
*4 : Maximum Stable Gain(MSG)=
*5 :
*5 :
*5 :
*5 : Zin=50
Ω and matched for optimum IP
3
STC918SF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com