Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 13 Page - France Joint

Part # 830
Description  FLOATING SEALS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

830 Datasheet(HTML) 13 Page - France Joint

Back Button 830 Datasheet HTML 9Page - France Joint 830 Datasheet HTML 10Page - France Joint 830 Datasheet HTML 11Page - France Joint 830 Datasheet HTML 12Page - France Joint 830 Datasheet HTML 13Page - France Joint 830 Datasheet HTML 14Page - France Joint 830 Datasheet HTML 15Page - France Joint 830 Datasheet HTML 16Page - France Joint 830 Datasheet HTML 17Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
5�2
SURFACE ROUGHNESS
The housing must be free from burrs and scratches
for optimal operation. The table below sets out
the recommendations for surface roughness to be
followed.
Roughness
Contact surface area
Ra
≤3�2 µm
Rz
≤10�0 µm
Rmax
≤16�0 µm
6.
Assembly recommendations
Floating seals are hard cast iron or steel precision parts.
•
The seal must not be removed from its original packaging until just before it is fitted, and it must protect the
operational surfaces (A) from any soiling or deterioration.
•
The housings of the seal (B) must be clean and there must be no burrs around the installation.
•
The floating seals must be fitted using mounting tools (D). They are composed of two bearing shells fitted around
a floating seal. In this way, the exertion required for installation is applied directly through the O'Ring (C).
•
The floating seal must then be inserted into the housing, and all parts must be positioned symmetrically.
•
The O'Rings, once put in place, must not be twisted or jammed.
•
Before the final fitting, a thin film of oil must be applied to the two operational parts with a lint-free cloth (e.g.: a
chamois)
A
B
C
D
A
B
B // A
A
B
A
B
B // A
Correct
Wrong
O’Ring too high
Wrong
EN-TETE CONTINU
EN-TETE CONTINU
www.francejoint.com
FACE SEALS - FLOATING SEALS
FACE SEALS - FLOATING SEALS
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com