Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8318
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
AD8313
APPLICATIONS INFORMATION
analog.com
Rev. F | 18 of 23
Figure 37. Voltage Response of 100 MHz Narrow-Band Matching Network
ADJUSTING THE LOG SLOPE
Figure 38 shows how the log slope can be adjusted to an exact
value. The idea is simple: the output at the VOUT pin is attenuated
by the variable resistor R2 working against the internal 18 kΩ of
input resistance at the VSET pin. When R2 is 0, the attenuation it
introduces is 0, and thus the slope is the basic 18 mV/dB. Note that
this value varies with frequency, (Figure 10). When R2 is set to its
maximum value of 10 kΩ, the attenuation from VOUT to VSET is
the ratio 18/(18 + 10), and the slope is raised to (28/18) × 18 mV,
or 28 mV/dB. At about the midpoint, the nominal scale is 23 mV/dB.
Thus, a 70 dB input range changes the output by 70 × 23 mV, or
1.6 V.
Figure 38. Adjusting the Log Slope
As stated, the unadjusted log slope varies with frequency from
17 mV/dB to 20 mV/dB, as shown in Figure 10. By placing a
resistor between VOUT and VSET, the slope can be adjusted to a
convenient 20 mV/dB as shown in Figure 39.
Table 6 shows the recommended values for this resistor, REXT.
Also shown are values for REXT, which increase the slope to
approximately 50 mV/dB. The corresponding voltage swings for a
−65 dBm to 0 dBm input range are also shown in Table 7.
Figure 39. Adjusting the Log Slope to a Fixed Value
Table 6. Values for REXT in Figure 39
Frequency
MHz
REXT
kV
Slope
mV/dB
VOUT Swing for Pin−65 dBm to 0 dBm – V
100
0.953 20
0.44 to 1.74
900
2.00
20
0.58 to 1.88
1900
2.55
20
0.70 to 2.00
2500
0
20
0.54 to 1.84
100
29.4
50
1.10 to 4.35
900
32.4
50.4
1.46 to 4.74
1900
33.2
49.8
1.74 to 4.98
2500
26.7
49.7
1.34 to 4.57
The value for REXT is calculated by
REXT= New Slope−Original Slope
Original Slope
×18 kΩ (17)
The value for the Original Slope, at a particular frequency, can
be read from Figure 10. The resulting output swing is calculated
by simply inserting the New Slope value and the intercept at that
frequency (Figure 10 and Figure 13) into the general equation for
the AD8313’s output voltage:
VOUT = Slope(PIN − Intercept)
(18)
INCREASING OUTPUT CURRENT
To drive a more substantial load, either a pull-up resistor or an
emitter-follower can be used.
In Figure 40, a 1 kΩ pull-up resistor is added at the output, which
provides the load current necessary to drive a 1 kΩ load to 1.7 V
for VS = 2.7 V. The pull-up resistor slightly lowers the intercept and
the slope. As a result, the transfer function of the AD8313 is shifted
upward (intercept shifts downward).
Figure 40. Increasing AD8313 Output Current Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com