Electronic Components Datasheet Search
  English  ▼

X  

AD8319 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8319
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8319 Datasheet HTML 13Page - Analog Devices AD8319 Datasheet HTML 14Page - Analog Devices AD8319 Datasheet HTML 15Page - Analog Devices AD8319 Datasheet HTML 16Page - Analog Devices AD8319 Datasheet HTML 17Page - Analog Devices AD8319 Datasheet HTML 18Page - Analog Devices AD8319 Datasheet HTML 19Page - Analog Devices AD8319 Datasheet HTML 20Page - Analog Devices AD8319 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
AD8313
APPLICATIONS INFORMATION
analog.com
Rev. F | 17 of 23
therefore,
L
2= 1ω2CIN=2.3 μH
(10)
Figure 36. Input Matching Example
With CIN and L2 temporarily out of the picture, the focus is now on
matching a 50 Ω source resistance to a (purely resistive) load of
900 Ω and calculating values for CMATCH and L1. When
RSRIN= L1CMATCH
(11)
the input looks purely resistive at a frequency given by
f0
= 1
2π L1×CMATCH
=100 MHz
(12)
Solving for CMATCH gives
CMATCH= 1RSRIN× 12πf0=7.5 pF
(13)
Solving for L1 gives
L
1= RSRIN2πf0=337.6 nH
(14)
Because L1 and L2 are parallel, they can be combined to give the
final value for LMATCH, that is,
LMATCH=L1×L2L1+L2=294 nH
(15)
C1 and C2 can be chosen in a number of ways. First, C2 can be
set to a large value, for example, 1000 pF, so that it appears as
an RF short. C1 would then be set equal to the calculated value of
CMATCH. Alternatively, C1 and C2 can each be set to twice CMATCH
so that the total series capacitance is equal to CMATCH. By making
C1 and C2 slightly unequal (that is, select C2 to be about 10% less
than C1) but keeping their series value the same, the amplitude of
the signals on INHI and INLO can be equalized so that the AD8313
is driven in a more balanced manner. Any of the options detailed
above can be used provided that the combined series value of C1
and C2, that is, C1 × C2/(C1 + C2) is equal to CMATCH.
In all cases, the values of CMATCH and LMATCH must be chosen from
standard values. At this point, these values need now be installed
on the board and measured for performance at 100 MHz. Because
of board and layout parasitics, the component values from the
preceding example had to be tuned to the final values of CMATCH =
8.9 pF and LMATCH = 270 nH as shown in Table 5.
Assuming a lossless matching network and noting conservation of
power, the impedance transformation from RS to RIN (50 Ω to 900
Ω) has an associated voltage gain given by
Gain dB=20×log RINRS=12.6 dB
(16)
Because the AD8313 input responds to voltage and not to true
power, the voltage gain of the matching network increases the
effective input low-end power sensitivity by this amount. Thus, in
this case, the dynamic range is shifted downward, that is, the 12.6
dB voltage gain shifts the 0 dBm to −65 dBm input range downward
to −12.6 dBm to −77.6 dBm. However, because of network losses,
this gain is not be fully realized in practice. Refer to Figure 33 and
Figure 34 for an example of practical attainable voltage gains.
Table 5 shows recommended values for the inductor and capacitors
in Figure 35 for some selected RF frequencies in addition to the
associated theoretical voltage gain. These values for a reactive
match are optimal for the board layout detailed as Figure 45.
As previously discussed, a modification of the board layout produ-
ces networks that may not perform as specified. At 2.5 GHz,
a shunt inductor is sufficient to achieve proper matching. Conse-
quently, C1 and C2 are set sufficiently high that they appear as RF
shorts.
Table 5. Recommended Values for C1, C2, and LMATCH in Figure 35
Freq.
(MHz)
CMATCH
(pF)
C1
(pF)
C2
(pF)
LMATCH
(nH)
Voltage
Gain (dB)
100
8.9
22
15
270
12.6
1000
270
900
1.5
3
3
8.2
9.0
1.5
1000
8.2
1900
1.5
3
3
2.2
6.2
1.5
1000
2.2
2500
Large
390
390
2.2
3.2
Figure 37 shows the voltage response of the 100 MHz matching
network. Note the high attenuation at lower frequencies typical of a
high-pass network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com