Electronic Components Datasheet Search
  English  ▼

X  

ADL5902 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5902
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5902 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5902 Datasheet HTML 18Page - Analog Devices ADL5902 Datasheet HTML 19Page - Analog Devices ADL5902 Datasheet HTML 20Page - Analog Devices ADL5902 Datasheet HTML 21Page - Analog Devices ADL5902 Datasheet HTML 22Page - Analog Devices ADL5902 Datasheet HTML 23Page - Analog Devices ADL5902 Datasheet HTML 24Page - Analog Devices ADL5902 Datasheet HTML 25Page - Analog Devices ADL5902 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AD8362
Data Sheet
Rev. F | Page 22 of 33
CHOOSING A VALUE FOR CHPF
The 3.5 GHz VGA of the AD8362 includes an offset cancel-
lation loop, which introduces a high-pass filter effect in its
transfer function. To measure the amplitude of the input signal
properly, the corner frequency (fHP) of this filter must be well
below that of the lowest input signal in the desired measurement
bandwidth frequency. The required value of the external
capacitor is given by
CHPF = 1/(2π × 800 × fHP)
(13)
For operation at frequencies as low as 100 kHz, set fHP to
approximately 25 kHz (CHPF = 8 nF). For frequencies above
approximately 2 MHz, no external capacitance is required
because there is adequate internal capacitance on this node.
CHOOSING A VALUE FOR CLPF
In the standard connections for the measurement mode, the
VSET pin is tied to VOUT. For small changes in input ampli-
tude such as a few decibels, the time-domain response of this
loop is essentially linear with a 3 dB low-pass corner frequency
of nominally fLP = 1/(2π × CLPF × 1100). Internal time delays
around this local loop set the minimum recommended value
of this capacitor to about 300 pF, making fLP = 500 kHz.
For operation at lower signal frequencies, or whenever the
averaging time needs to be longer, use
CLPF = 1/(2π × fLP × 1100)
(14)
When the input signal exhibits large crest factors, such as a
CDMA or W-CDMA signal, CLPF must be much larger than
might seem necessary.
This is due to the presence of significant low frequency
components in the complex, pseudorandom modulation, which
generates fluctuations in the output of the AD8362. Increasing
CLPF also increases the step response of the AD8362 to a
change at its input.
Table 5 shows recommended values of CLPF for popular
modulation schemes. In each case, CLPF is increased until
residual output noise falls below 50 mV. A 10% to 90% step
response to an input step is also listed. Where the increased
response time is unacceptably high, CLPF must be reduced. If
the output of the AD8362 is sampled by an ADC, averaging in
the digital domain can further reduce the residual noise.
Figure 52 shows how residual ripple and rise/fall time vary with
filter capacitance when the AD8362 is driven by a single carrier
W-CDMA signal (Test Model 1-64) at 2140 MHz.
FILTER CAPACITANCE (µF)
170
17
180
18
160
16
150
15
140
14
130
13
120
12
110
11
100
10
90
9
80
8
70
7
60
6
50
5
40
4
30
3
20
2
10
1
0
0
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
RESIDUAL RIPPLE (mV p-p)
RISE TIME (ms)
FALL TIME (ms)
Figure 52. Residual Ripple, Rise and Fall Time vs. Filter Capacitance,
Single Carrier W-CDMA Input Signal, Test Model 1-64
Table 5. Recommended CLPF Values for Various Modulation Schemes
Modulation Scheme/Standard
Crest Factor
CLPF
Residual Ripple
Response Time (Rise/Fall)
10% to 90%
W-CDMA , Single-Carrier, Test Model 1-64
12.0 dB
0.1 µF
28 mV p-p
171 µs/1.57 ms
W-CDMA, 4-Carrier, Test Model 1-64
11.0 dB
0.1 µF
20 mV p-p
162 µs/1.55 ms
CDMA2000, Single-Carrier, 9CH Test Model
9.1 dB
0.1 µF
38 mV p-p
179 µs /1.55 ms
CDMA2000, 3-Carrier, 9CH Test Model
11.0 dB
0.1 µF
29 mV p-p
171 µs/1.55 ms
WiMAX 802.16 (64QAM, 256 Subcarriers, 10 MHz Bandwidth)
14.0 dB
0.1 µF
30 mV p-p
157 µs/1.47 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com