Electronic Components Datasheet Search
  English  ▼

X  

ADL5903 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5903
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903 Datasheet(HTML) 2 Page - Analog Devices

  ADL5903 Datasheet HTML 1Page - Analog Devices ADL5903 Datasheet HTML 2Page - Analog Devices ADL5903 Datasheet HTML 3Page - Analog Devices ADL5903 Datasheet HTML 4Page - Analog Devices ADL5903 Datasheet HTML 5Page - Analog Devices ADL5903 Datasheet HTML 6Page - Analog Devices ADL5903 Datasheet HTML 7Page - Analog Devices ADL5903 Datasheet HTML 8Page - Analog Devices ADL5903 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AD8362
Data Sheet
Rev. F | Page 2 of 33
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Equivalent Circuits........................................................................... 9
Typical Performance Characteristics ........................................... 10
Characterization Setup .................................................................. 16
Equipment ................................................................................... 16
Analysis........................................................................................ 16
Circuit Description......................................................................... 17
Square Law Detection................................................................ 17
Voltage vs. Power Calibration................................................... 18
Offset Elimination...................................................................... 19
Time-Domain Response of the Closed Loop ......................... 19
Operation in RF Measurement Mode.......................................... 20
Basic Connections...................................................................... 20
Device Disable ............................................................................ 20
Recommended Input Coupling................................................ 20
Operation at Low Frequencies.................................................. 21
Choosing a Value for CHPF...................................................... 22
Choosing a Value for CLPF....................................................... 22
Adjusting VTGT to Accommodate Signals with Very High
Crest Factors ............................................................................... 23
Altering the Slope....................................................................... 23
Temperature Compensation and Reduction of Transfer
Function Ripple .......................................................................... 24
Temperature Compensation at Various WiMAX Frequencies up
to 3.8 GHz........................................................................................ 25
Operation in Controller Mode ................................................. 27
RMS Voltmeter with 90 dB Dynamic Range.......................... 28
AD8362 Evaluation Board ............................................................ 29
Outline Dimensions....................................................................... 32
Ordering Guide .......................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com