Electronic Components Datasheet Search
  English  ▼

X  

DAC0808 Datasheet(PDF) 4 Page - SYC Electronica

Part # DAC0808
Description  8-Bit D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DAC0808 Datasheet(HTML) 4 Page - SYC Electronica

  DAC0808 Datasheet HTML 1Page - SYC Electronica DAC0808 Datasheet HTML 2Page - SYC Electronica DAC0808 Datasheet HTML 3Page - SYC Electronica DAC0808 Datasheet HTML 4Page - SYC Electronica DAC0808 Datasheet HTML 5Page - SYC Electronica DAC0808 Datasheet HTML 6Page - SYC Electronica DAC0808 Datasheet HTML 7Page - SYC Electronica DAC0808 Datasheet HTML 8Page - SYC Electronica DAC0808 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics (Continued)
(V
CC = 5V, VEE = −15 VDC,VREF/R14 = 2 mA, and all digital inputs at high logic level unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
All Bits Low
V
CC = 5V, VEE = −5V
33
170
mW
V
CC = 5V, VEE = −15V
106
305
mW
All Bits High
V
CC = 15V, VEE = −5V
90
mW
V
CC = 15V, VEE = −15V
160
mW
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 3: Range control is not required.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA or the number given in the Absolute Maixmum Ratings, whichever is lower. For this device,
TJMAX = 125˚C, and the typical junction-to-ambient thermal resistance of the dual-in-line J package when the board mounted is 100˚C/W. For the dual-in-lineN
package, this number increases to 175˚C/W and for the small outline M package this number is 100˚C/W.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: All current switches are tested to guarantee at least 50% of rated current.
Note 7: All bits switched.
Note 8: Pin-out numbers for the DAL080X represent the dual-in-line package. The small outline package pinout differs from the dual-in-line package.
Typical Application
Typical Performance Characteristics V
CC =5V, VEE = −15V, TA = 25˚C, unless otherwise noted
DS005687-3
DS005687-23
FIGURE 1. +10V Output Digital to Analog Converter (Note 8)
Logic Input Current vs
Input Voltage
DS005687-14
Bit Transfer Characteristics
DS005687-15
Logic Threshold Voltage vs
Temperature
DS005687-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com