Electronic Components Datasheet Search
  English  ▼

X  

B78417 Datasheet(PDF) 2 Page - EPCOS

Part # B78417
Description  ISDN/x/DSL Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78417 Datasheet(HTML) 2 Page - EPCOS

  B78417 Datasheet HTML 1Page - EPCOS B78417 Datasheet HTML 2Page - EPCOS B78417 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
43
04/02
Application
■ Matched to Infineon ICs
GEMINAX PEB 4565, 3558,
22716, 22720
Features
■ PTH version upon request
Marking
■ Manufacturer, middle block of
ordering code, date code
Packing
■ 24-mm blister tape
■ Packing unit upon request
Pinning
Technical data (electrical specifications at 25 °C)
Ordering code
B78417A1671A003
Type/Core
EP 7
N1 : N2 : N3 : N4
1,31 : 1,31 : 1: 1
LH
mH
1,444
± 10 %
LS (typ.)
µH4,5
CW (typ.)
pF
36
RDC (Line) (typ.)
Ω
1,91
RDC (IC) (typ.)
Ω
1,15
VT
kVAC
1,5
Insertion loss
dB
0,5
THD (at 30 kHz)
dB
80
Operating temperature range
°C
–40/+85
Layout recommendation
0,7 x 0,25
10,8 max.
Pin 1
2,5
10 max.
13 max.
FIN0229-U-E
Pin 1
7,5 max.
0,2
marking
FIN0224-A
8 7
5
6
12 3 4
1,3
2,5
3 x 2,5 = 7,5
8,8
FIN0225-I
5
8
4
1
3
N
N4
7
6
N1
2
N
3
2
IC
Line
EP 7
B78417A1671A003
ADSL Interface
xDSL Transformers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com