Electronic Components Datasheet Search
  English  ▼

X  

PTS645 Datasheet(PDF) 2 Page - ITT Industries

Part # PTS645
Description  6 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645 Datasheet(HTML) 2 Page - ITT Industries

  PTS645 Datasheet HTML 1Page - ITT Industries PTS645 Datasheet HTML 2Page - ITT Industries PTS645 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-58
B
4,5
(.177)
7,0
(.276)
2,5
(.098)
ø1,0 TYP.
(.039)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
ø1,0 TYP.
(.039)
4,5
(.177)
6,5
(.256)
PCB LAYOUT
PCB LAYOUT
2,5
(.098)
1,0
(.039)
0,3
(.012)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,0
(.315)
0,7 TYP.
(.028)
SERIES
PTS645
S STRAIGHT
0,7
(.028)
4,1
(.161)
0,3
(.012)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
4,5
(.177)
4,1
(.161)
ø1,0 DIA.
(.039) TYP.
PCB LAYOUT
T STRAIGHT WITH EMC PIN
V VERTICAL
ø3,5
(.138)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
"H"
3,6
(.142)
6,0 SQ.
(.236)
6,5
(.256)
DIMPLES
0,4 MAX.
(.015)
"H"
2,5
(.098)
1,0
(.039)
0,3
(.012)
2,55
(.100)
7,1
(.280)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,0
(.315)
7,5
(.295)
0,7 TYP.
(.028)
6,5
(.256)
ø3,5
(.138)
DIMPLES
0,4 MAX.
(.015)
PTS645S Model
PTS645V Model
PTS645 Series
6 mm Tact Switches
TERMINATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com