Electronic Components Datasheet Search
  English  ▼

X  

TSL12T Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL12T
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12T Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL12T Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12T Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
13
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MANUFACTURING INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package molding compound. To ensure the
package molding compound contains the smallest amount of absorbed moisture possible, each device is
dry−baked prior to being packed for shipping. Devices are packed in a sealed aluminized envelope with silica
gel to protect them from ambient moisture during shipping, handling, and storage before use.
This package has been assigned a moisture sensitivity level of MSL 3 and the devices should be stored under
the following conditions:
Temperature Range
5°C to 50°C
Relative Humidity
60% maximum
Total Time
6 months from the date code on the aluminized envelope — if unopened
Opened Time
168 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 6 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking is required, it should be done at 90°C for 4 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com