Electronic Components Datasheet Search
  English  ▼

X  

TSL208R Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL208R
Description  512 x 1 LINEAR SENSOR ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL208R Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL208R Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL208R Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSL208R
512 y 1 LINEAR SENSOR ARRAY
TAOS031E − MAY 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D 512 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL208
Description
The TSL208R linear sensor array consists of a 512 × 1
array of photodiodes and associated charge amplifier
circuitry. The pixels measure 120 μm (H) by 70 μm (W)
with 125-μm center-to-center spacing and 55-μm
spacing between pixels. Operation is simplified by
internal control logic that requires only a serial-input (SI)
signal and a clock.
The TSL208R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
2
3
SI
CLK
512-Bit Shift Register
Q512
Switch Control Logic
Pixel
2
Pixel
512
Pixel
3
Analog
Bus
Q3
Q2
Q1
SO
6
Output
Amplifier
Gain
Trim
VDD
AO
GND
5
1
4
RL
330 W
Integrator
Reset
_
+
Pixel 1
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
(TOP VIEW)
VDD
SI
CLK
AO
GND
SO
VDD
1
2
3
4
5
6
7


Similar Part No. - TSL208R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL208R ETC-TSL208R Datasheet
102Kb / 8P
512 X 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL208R AMSCO-TSL208R Datasheet
591Kb / 11P
512  1 LINEAR SENSOR ARRAY
More results

Similar Description - TSL208R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
64 X 1 LINEAR SENSOR ARRAY
TSL208 ETC-TSL208 Datasheet
102Kb / 8P
512 X 1 LINEAR SENSOR ARRAY
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
256 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL218 TI-TSL218 Datasheet
131Kb / 8P
512 횞 1 PIXEL LINEAR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL201R-LF TAOS-TSL201R-LF Datasheet
176Kb / 10P
64 x 1 LINEAR SENSOR ARRAY
TSL202R TAOS-TSL202R Datasheet
199Kb / 12P
128 x 1 LINEAR SENSOR ARRAY
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
896 x 1 LINEAR SENSOR ARRAY
TSLW201R TAOS-TSLW201R Datasheet
104Kb / 8P
64 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL208R AMSCO-TSL208R Datasheet
591Kb / 11P
512  1 LINEAR SENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com