Electronic Components Datasheet Search
  English  ▼

X  

TSL210 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL210
Description  640 횞 1 LINEAR SENSOR ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL210 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL210 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL210 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSL210
640 × 1 LINEAR SENSOR ARRAY
TAOS039B − MAY 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D 640 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
Description
The TSL210 linear sensor array consists of five
sections of 128 photodiodes, each with
associated charge amplifier circuitry, running from
a common clock. These sections can be
connected to form a contiguous 640 × 1 pixel
array. Device pixels measure 120 μm (H) by
70 μm (W) with 125-μm center-to-center pixel
spacing. Operation is simplified by internal logic
that requires only a serial input (SI1 through SI5)
for each section and a common clock for the five
sections.
The device is intended for use in a wide variety of
applications including contact imaging, mark and
code reading, bar-code reading, edge detection
and positioning, OCR, level detection, and linear
and rotational encoding.
Functional Block Diagram (each section)
SI
CLK
128-Bit Shift Register
Q128
Switch Control Logic
Pixel
2
Pixel
128
Pixel
3
Analog
Bus
Output
Amplifier
Gain
Trim
Q3
Q2
Q1
VDD
RL
(External
330 W
Load)
AO
SO
GND
Integrator
Reset
_
+
Pixel 1
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE
(TOP VIEW)
1 VDD
2 CLK
3 SI1
4 AO1
5 SO1
6 SI2
7 AO2
8 SO2
9 GND
10 SI3
11 AO3
12 SO3
13 SI4
14 AO4
15 SO4
16 SI5
17 AO5
18 SO5


Similar Part No. - TSL210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL210 AMSCO-TSL210 Datasheet
614Kb / 13P
640 횞 1 LINEAR SENSOR ARRAY
More results

Similar Description - TSL210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL401 TI-TSL401 Datasheet
105Kb / 7P
128 횞 1 LINEAR SENSOR ARRAY
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL210 AMSCO-TSL210 Datasheet
614Kb / 13P
640 횞 1 LINEAR SENSOR ARRAY
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com