Electronic Components Datasheet Search
  English  ▼

X  

TSL230ARD Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL230ARD
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL230ARD Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL230ARD Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL230ARD Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054N − OCTOBER 2007
9
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
This SOIC package consists of an integrated circuit mounted on a lead frame and encapsulated with an electrically
nonconductive clear plastic compound. The TSL230RD has a 10
× 10 array of photodiodes with a total size of
0.96 mm by 0.96 mm. The photodiodes are 0.084 mm
× 0.084 mm in size and are positioned on 0.096 mm centers.
PACKAGE D
PLASTIC SMALL-OUTLINE
A
1.75
1.35
0.50
0.25
4.00
3.80
6.20
5.80
455
0.88 TYP TOP OF
SENSOR DIE
5.00
4.80
5.3
MAX
1.27
0.41
0.25
0.10
0.25
0.19
DETAIL A
PIN 1
6
y 1.27
0.510
0.330
8
y
j 2.8 TYP
CLEAR WINDOW
2.12
+ 0.250
3.00 + 0.250
NOTE B
Pb
PIN 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
NOTES: A. All linear dimensions are in millimeters.
B. The center of the 0.96-mm by 0.96-mm photo-active area is referenced to the upper left corner tip of the lead frame (Pin 1).
C. Package is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
D. This drawing is subject to change without notice.
Figure 8. Package D — Plastic Small Outline IC Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com