Electronic Components Datasheet Search
  English  ▼

X  

TSL237T Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL237T
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL237T Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL237T Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237T Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TSL237T
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS055G − JUNE 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION
Power-Supply Considerations
Power-supply lines must be decoupled by a 0.01-μF to 0.1-μF capacitor with short leads placed close to the
TSL237T (Figure 8). A low-noise power supply is required to minimize jitter on output pulse.
TSL237T
Timer / Port
MCU
0.1 μF
VDD
VDD
OUT
GND
OE
Figure 8. Typical TSL237T Interface to a Microcontroller
Device Operational Details
The frequency at the output pin (OUT) is given by:
fO = fD + (Re) (Ee)
where:
fO
is the output frequency
fD
is the output frequency for dark condition (Ee = 0)
Re
is the device responsivity for a given wavelength of light given in kHz/(μW/cm2)
Ee
is the incident irradiance in μW/cm2
fD is a constant error term in the output frequency calculation resulting from leakage currents, and is
independent of light intensity. The TSL237T die is trimmed to minimize the magnitude of this dark frequency
component so that it can be neglected in the transfer function calculation. In many applications, measurement
of the actual dark frequency may be impractical due to measurement times ranging from several seconds to
several minutes, and the fact that some devices may never transition (zero dark frequency).
Input Interface
A low-impedance electrical connection between the device OE terminal and the device GND terminal is required
for improved noise immunity.
Output Interface
The output of the device is designed to drive a CMOS logic input over short distances. If lines greater than 12
inches in length are used on the output, a buffer or line driver is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com