Electronic Components Datasheet Search
  English  ▼

X  

TSL257 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL257
Description  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL257 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL257 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL257 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL257
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS023E − SEPTEMBER 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25°C
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds (S Package)
260°C
. . . . . . . . . . . . . . . . . . . .
Reflow solder, in accordance with J-STD-020C or J-STD-020D (SM Package)
260°C
. . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 470 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 2 and 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
15
mV
V
Maximum output voltage swing
VDD = 4.5 V,
No Load
4.49
V
VOM
Maximum output voltage swing
VDD = 4.5 V,
RL = 10 kΩ
4
4.2
V
VO
Output voltage
Ee = 1.54 μW/cm2, λp = 470 nm, Note 5
1.6
2
2.4
V
αVD
Temperature coefficient of dark voltage (VD)
TA = 0°C to 70°C
−15
μV/°C
λp = 428 nm, see Notes 4 and 8
1.18
N
Irradiance responsivity
λp = 470 nm, see Notes 5 and 8
1.30
V/( W/cm2)
Ne
Irradiance responsivity
λp = 565 nm, see Notes 6 and 8
1.58
V/(μW/cm2)
λp = 645 nm, see Notes 7 and 8
1.68
PSRR Power supply rejection ratio
fac = 100 Hz, see Note 9
55
dB
pp y j
fac = 1 kHz, see Note 9
35
dB
IDD
Supply current
Ee = 1.54 μW/cm2, λp = 470 nm, Note 5
1.9
3.5
mA
NOTES: 2. Measured with RL = 10 kΩ between output and ground.
3. Optical measurements are made using small-angle incident radiation from a light-emitting diode (LED) optical source.
4. The input irradiance is supplied by a GaN/SiC light-emitting diode with the following characteristics: peak wavelength λp = 428 nm,
spectral halfwidth Δλ½ = 65 nm.
5. The input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: peak wavelength λp = 470 nm,
spectral halfwidth Δλ½ = 35 nm.
6. The input irradiance is supplied by a GaP light-emitting diode with the following characteristics: peak wavelength λp = 565 nm,
spectral halfwidth Δλ½ = 28 nm.
7. The input irradiance is supplied by an AlGaAs light-emitting diode with the following characteristics: peak wavelength λp = 645 nm,
spectral halfwidth Δλ½ = 25 nm.
8. Irradiance responsivity is characterized over the range VO = 0.1 V to 4.5 V. The best-fit straight line of Output Voltage VO versus
Irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.
9. Power supply rejection ratio PSRR is defined as 20 log (ΔVDD(f)/ΔVO(f)) with VDD(f = 0) = 5 V and VO(f = 0) = 2 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com