Electronic Components Datasheet Search
  English  ▼

X  

SL1027P Datasheet(PDF) 2 Page - AUK corp

Part # SL1027P
Description  DUAL PREAMPLIFIER WITH ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P Datasheet(HTML) 2 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp SL1027P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSI-W021-001
2
SL1027P
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
Vcc
14
V
Power Dissipation
PD
600
mW
Operating Temperature
Topr
- 25 ~ + 75
℃
Storage Temperature
Tstg
- 40 ~ + 125
℃
Electrical Characteristics
(Unless otherwise specified, Ta=25℃ , VCC=5V, f=1KHz, RL = 10KΩ (PLAY), RL = 680Ω (REC))
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Quiescent Supply Current
ICCQ
-
-
4.5
10
mA
Open-loop Voltage Gain
GVO
-
-
85
-
dB
PLAY
-
40
-
dB
Closed-loop Voltage Gain
GV
REC
-
58
-
dB
Maximum Output Voltage
VOM
THD = 1%, PLAY
0.9
1.2
-
V
Total Harmonic Distortion
THD
VO = 0.5V, PLAY
-
0.1
1
%
Input Resistance
RIN
-
21
30
-
KΩ
Equivalent Input
Noise Voltage
VNI
B.P.F = 20Hz ~ 20KHz
Rg = 2.2㏀, PLAY
-
1
2
uV
Channel Separation
CHSEP
Rg=2.2㏀
VO= 0dBm,PLAY
40
50
-
dB
ALC Channel Balance
ACB
VIN=-20dBm,REC.
-
0
2
dB
ALC Width
AW
VIN=-60dBm,REC.
35
45
-
dB
ALC Distortion
AD
VIN=-20dBm,REC.
-
0.5
2
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com