Electronic Components Datasheet Search
  English  ▼

X  

SL5019 Datasheet(PDF) 2 Page - AUK corp

Part # SL5019
Description  LOW POWER NARROW BAND FM IF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019 Datasheet(HTML) 2 Page - AUK corp

  SL5019 Datasheet HTML 1Page - AUK corp SL5019 Datasheet HTML 2Page - AUK corp SL5019 Datasheet HTML 3Page - AUK corp SL5019 Datasheet HTML 4Page - AUK corp SL5019 Datasheet HTML 5Page - AUK corp SL5019 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSI-W005-000
2
Absolute Maximum Ratings
(Ta = 25
° C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC(MAX)
10
V
Supply Voltage
VCC
2.0 ~ 9.0
V
Detector input Voltage
VIN(DET)
1.0
Vp-p
RF Input Voltage(VCC ≥ 4.0V)
VIN(RF)
1.0
Vrms
Squelch Input Voltage(VCC ≥ 4.0V)
Vsq
6.0
V
Mute Function
VMUTE
-0.7 ~ +10
Vpk
Mute Sink Current
Isq
50
mA
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-65 ~ +150
°C
Electrical Characteristics
(Unless otherwise specified Ta=25 °C , Vcc=4V, fO=58.1125MHz, fm=1kHz, △f = ± 3kHz)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ICC1
Squelch off(V12 = 2V)
-
3.2
4.2
ICC2
Squelch on(V12 = 0V)
-
3.6
4.8
mA
Squelch Current
(No Signal)
dICC1
Squelch off, VCC = 2 ~ 9V
-
1.0
2.0
Detector Output
DC Voltage
V9
V8 = 2.0V
0.9
1.6
2.3
V
Filter Output
DC Voltage
V11
No Input Signal
1.5
2.5
3.5
V
Trigger Hysteresis
Hys
-
34
57
80
mV
Matched Input
-
1.0
-
Input for 12dB SINAD
VSIN
Unmatched Input
-
5.0
15
µVrms
Input for 20dB NQS
VNQS
-
-
3.5
-
µVrms
SL5019/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com