Electronic Components Datasheet Search
  English  ▼

X  

SL5019P Datasheet(PDF) 3 Page - AUK corp

Part # SL5019P
Description  LOW POWER NARROW BAND FM IF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019P Datasheet(HTML) 3 Page - AUK corp

  SL5019P Datasheet HTML 1Page - AUK corp SL5019P Datasheet HTML 2Page - AUK corp SL5019P Datasheet HTML 3Page - AUK corp SL5019P Datasheet HTML 4Page - AUK corp SL5019P Datasheet HTML 5Page - AUK corp SL5019P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSI-W005-000
3
Electrical Characteristics
(Unless otherwise specified Ta=25 °C , Vcc=4V, fO=58.1125MHz, fm=1kHz, △f = ± 3kHz)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Recovered Audio
Output Voltage
AFO
Vin = -30dBm
120
200
320
mVrms
Recovered Audio
Drop Voltage Loss
AFLOSS
Vin = -30dBm
VCC =4.0~2.0V
-8.0
-1.5
-
dB
MV1
Vin = -100 dBm
-
0.3
0.5
MV2
Vin = -70 dBm
1.1
1.5
1.9
Meter Drive
Output Voltage
(No Modulation)
MV3
Vin = -40 dBm
2.0
2.5
3.1
V
Filter Amp Gain
AV
(Amp)
Rr=600
, fs =10kHz
Vfa=1.0mVrms
47
50
-
dB
Mixer Conversion Gain
AV (Mix)
Vin = -40dBm, RL =1.8 kΩ
14
20
-
dB
Signal to Noise Ratio
S/N
Vin = -30dBm
36
67
-
dB
Total harmonic
Distortion
THD
Vin=-30dBm
BW=400Hz ~ 30KHz
-
0.6
3.4
%
Detector Output
Impedance
ZO
-
-
450
-
Ω
Detector Output
Voltage
DVO
Vin = -30dBm
No Modulation
-
1.45
-
V
Meter Driver
MO
Vin = -100 ~ -40dBm
-
0.8
-
㎂
/dB
RFIN
-
-
60
-
Meter Driver
Dynamic Range
IFIN
-
-
80
-
dB
Mixer Third Order
Input Intercept Point
ITOMIX
f1 = 58.125MHz
f2=58.1375Mhz
-
-22
-
dBm
Mixer Input Resistance
Rin
-
-
3.3
-
kΩ
Mixer Input Capacitance
Cin
-
-
2.2
-
pF
SL5019/P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com