Electronic Components Datasheet Search
  English  ▼

X  

SLF431ASF Datasheet(PDF) 4 Page - AUK corp

Part # SLF431ASF
Description  Programmable Voltage Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SLF431ASF Datasheet(HTML) 4 Page - AUK corp

  SLF431ASF Datasheet HTML 1Page - AUK corp SLF431ASF Datasheet HTML 2Page - AUK corp SLF431ASF Datasheet HTML 3Page - AUK corp SLF431ASF Datasheet HTML 4Page - AUK corp SLF431ASF Datasheet HTML 5Page - AUK corp SLF431ASF Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSD-I5C007-000
4
SLF431xSF
Electrical Characteristics Curves (Continue)
`
Fig.4 IK vs VKA (1)
Fig.5 IK vs VKA (2)
Fig.6 IK(off) vs VKA
100
3
25
-100
2
0
Cathode Voltage VKA [V]
1
-1
-2
-25
150
Fig.7 ΔVref/ΔVKA vs Ta
-75
-50
0
50
75
125
VKA=Vref
Ta=25˚C
I
Fig.8 Vref vs Ta
Fig.9 PD vs Ta
Cathode Voltage VKA [V]
0.0
50
0.5
1.5
1.0
0
40
20
2.0
30
10
Vref=0V, Ta=25°C
Ambient Temperature Ta [˚C]
100
50
25
125
75
150
0
0
500
300
400
100
200
50
0
0.0
-25
-0.2
75
25
100
-0.1
-0.4
-0.3
-0.5
-50
Ambient Temperature Ta [˚C]
Vref ≤ VKA ≤ 36V
IK=10mA
3
0.0
1
2
1.0
3.0
-0.2
2.0
VKA=Vref, Ta=25˚C
0
0
-25
25
-50
100
75
50
Ambient Temperature Ta [˚C]
2.545
2.505
2.525
2.485
2.465
2.445
VKA=Vref , Iref=10mA
Vref(min)
Vref(typ)
Vref(max)
With PCB (8×8mm copper
area) at glass epoxy board
(t=1.7mm,area=20×20mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com