Electronic Components Datasheet Search
  English  ▼

X  

TSL1410R Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL1410R
Description  1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL1410R Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL1410R Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL1410R Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSL1410R
1280 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS043E − APRIL 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D 1280 × 1 Sensor-Element Organization
D 400 Dot-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 4000:1 (72 dB)
D Output Referenced to Ground
D Low Image Lag ... 0.5% Typ
D Operation to 8 MHz
D Single 3-V to 5-V Supply
D Rail-to-Rail Output Swing (AO)
D No External Load Resistor Required
D Replacement for TSL1410
Description
The TSL1410R linear sensor array consists of two
sections of 640 photodiodes, each with
associated charge amplifier circuitry, aligned to
form a contiguous 1280 × 1 pixel array. The device
incorporates a pixel data-hold function that
provides simultaneous-integration start and stop
times for all pixels. The pixels measure 63.5 μm by
55.5 μm with 63.5-μm center-to-center spacing
and 8-μm spacing between pixels. Operation is
simplified by internal logic that requires only a
serial-input (SI) pulse and a clock.
The device is intended for use in a wide variety of applications including mark and code reading, OCR and
contact imaging, edge detection and positioning, and optical encoding.
Functional Block Diagram (each section)
2, 8
4, 10
SI
CLK
640-Bit Shift Register (2 each)
Q640 (Q1280)
Switch Control Logic
Q3
Q2
Q1
Hold
SO
7, 11
3, 9
Hold
5
13
6, 12
Output
Buffer
Gain
Trim
VDD
AO
GND
Integrator
Reset
_
+
Pixel 1
(641)
Pixel
2
(642)
Pixel
640
(1280)
Pixel
3
(643)
Sample/Hold/
Output
Analog
Bus
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
(TOP VIEW)
VPP
SI1
HOLD1
CLK1
GND
AO1
SO1
SI2
HOLD2
CLK2
SO2
AO2
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13


Similar Part No. - TSL1410R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1410R ETC-TSL1410R Datasheet
125Kb / 10P
1280 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1410R AMSCO-TSL1410R Datasheet
635Kb / 13P
1280X1 LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSL1410R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R ETC-TSL1410R Datasheet
125Kb / 10P
1280 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com