Electronic Components Datasheet Search
  English  ▼

X  

SOR-M3 Datasheet(PDF) 2 Page - Eravant

Part # SOR-M3
Description  Gunn Oscillator AM/FM Modulator, GaAs Gunn Diodes Biased
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOR-M3 Datasheet(HTML) 2 Page - Eravant

  SOR-M3 Datasheet HTML 1Page - Eravant SOR-M3 Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOR-M3
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
2/2
Final Rev 1.1
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
NOTE:
•
The modulator is preset for the designated GaAs Gunn diode-based Gunn oscillator only.
•
The optimized headroom for the best performance and the heat management of the modulator is 2.0 Volts. The more
headroom voltage, the more heat dissipation.
•
Eravant reserves the right to change the information presented without notice.
CAUTION:
•
Never exceed the maximum input voltage +8.0 Vdc because the modulator will be damaged due to overheating.
•
Do not use the modulator as a universal product to bias non-designated oscillators. To do so will cause equipment damage.
•
For 1.35 mm, 1.85 mm, 2.4 mm, 2.92 mm, and SMA connectors proper torque should be applied: 8.0 ± 0.15 inch-pounds
(0.90 ± 0.02 Nm). Torque wrench model SCH-08008-S1 is highly recommended



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com