Electronic Components Datasheet Search
  English  ▼

X  

TSLW201R Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSLW201R
Description  64 x 1 LINEAR SENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSLW201R Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSLW201R Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW201R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSLW201R
64 y 1 LINEAR SENSOR ARRAY
TAOS047B – JANUARY 2003
1
The
LUMENOLOGY
r Company
t
t
Copyright
E 2003, TAOS Inc.
www.taosinc.com
D Optical Glass Window
D 64 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range... 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSLW201
Description
The TSLW201R linear sensor array consists of a 64
× 1 array of photodiodes, associated charge amplifier
circuitry, and a pixel data-hold function that provides simultaneous-integration start and stop times for all pixels.
The pixels measure 120
µm (H) by 70 µm (W) with 125-µm center-to-center spacing and 55-µm spacing
between pixels. Operation is simplified by internal control logic that requires only a serial-input (SI) signal and
a clock.
The TSLW201R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
1
2
SI
CLK
64-Bit Shift Register
Q64
Switch Control Logic
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
64
Pixel
3
Sample/
Output
Analog
Bus
Output
Amplifier
6,7
Gain
Trim
Q3
Q2
Q1
VDD
4
3
RL
(External
Load)
AO
t
t
(TOP VIEW)
1
2
3
4
8
7
6
5
SI
CLK
AO
VDD
GND
GND
GND
GND
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759


Similar Part No. - TSLW201R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSLW1401R TAOS-TSLW1401R Datasheet
125Kb / 10P
EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results

Similar Description - TSLW201R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
64 X 1 LINEAR SENSOR ARRAY
TSL1406 ETC-TSL1406 Datasheet
146Kb / 12P
768 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL208 ETC-TSL208 Datasheet
102Kb / 8P
512 X 1 LINEAR SENSOR ARRAY
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
256 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL201R-LF TAOS-TSL201R-LF Datasheet
176Kb / 10P
64 x 1 LINEAR SENSOR ARRAY
TSL202R TAOS-TSL202R Datasheet
199Kb / 12P
128 x 1 LINEAR SENSOR ARRAY
TSL208R TAOS-TSL208R Datasheet
171Kb / 10P
512 x 1 LINEAR SENSOR ARRAY
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
896 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL201CL AMSCO-TSL201CL Datasheet
759Kb / 15P
64  1 LINEAR SENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com