Electronic Components Datasheet Search
  English  ▼

X  

ADC150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADC150
Description  Evaluation Kit For A/D Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADC150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC150 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE100
Evaluation Kit For
ADC100 Series A/D Converters
o MENU DRIVEN DEMONSTRATION SOFTWARE
o BENCHTOP EVALUATION BOARD ( 5” X 5”)
o SERIAL COMMUNICATION PORT
o ASSEMBLY DRAWINGS AND SCHEMATIC
o ON BOARD RAM FOR DATA COLLECTION
o 2 HIGH PRECISION DC REFERENCES
INCLUDED, ± 5V AND ± 10V
DESCRIPTION:
FEATURES
ACE100DS REV. E JAN 2007
The ACE100 is a complete, easy to use system for
evaluation of Thaler's ADC100 series of Analog to
Digital Converters.
ADC100
ADC150
ADC180
By
eliminating
bread-boards
and
prototypes,
evaluation and design-in cycle times are reduced.
Connections to the evaluation board include a DB9
serial cable, power supply inputs (+5, +15, -15,
GND), and analog inputs to the ADC (IN HIGH /
IN LOW).
The evaluation board has 2 high precision Thaler
± 5 V and ± 10 V references that can be used as
inputs to the ADC or the user can supply their own
DC source.
The evaluation board also has on-board RAM for
storing up to 8k ADC readings which can then be
transferred to the PC and displayed on the screen
or stored in a file.
The power supply inputs require banana plugs to
mate with the jacks on the evaluation board.
The evaluation software is provided on a CDROM.
The software is menu driven and provides the user
with a complete selection of options for evaluating
the A/D converter. Data collection to a text file is a
software selectable option for individuals who
prefer to use external software packages for data
analysis.
THALER CORPORATION • 2015 N. FORBES BLVD. • TUCSON, AZ. 85745 • (520) 882-4000
1)
ACE100 Evaluation Board.
2)
DB9 serial cable.
3)
CD-ROM containing the ACExxx_Eval
program, the MCCOMM32 file for the
serial communication port, and this
datasheet.
The ACE100 Evaluation Kit includes the following
items:


Similar Part No. - ADC150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC150C ETC-ADC150C Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC150CA ETC-ADC150CA Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
ADC150M ETC-ADC150M Datasheet
131Kb / 9P
Programmable Integrating A/D Converter
More results

Similar Description - ADC150

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK22 APEX-EK22 Datasheet
526Kb / 5P
EVALUATION KIT FOR PA94/PA95
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK55 APEX-EK55 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA62DK
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
EVALUATION KIT FOR SA50
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
Evaluation Kit For ADC100 Series A/D Converters
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com