Electronic Components Datasheet Search
  English  ▼

X  

PPS10 Datasheet(PDF) 1 Page - Power-One

Part # PPS10
Description  DC power shelf systems provide large power system
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPS10 Datasheet(HTML) 1 Page - Power-One

  PPS10 Datasheet HTML 1Page - Power-One PPS10 Datasheet HTML 2Page - Power-One PPS10 Datasheet HTML 3Page - Power-One PPS10 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DEC 11, 2006
Page 1 of 4
www.power-one.com
PPS 10 Power System Data Sheet
(Shelf System)
Features
•
High reliability
•
Simple installation and operation
•
LCD display for self-guided controller
operation
•
Interfaces standards include RS232, and
Form “C” dry alarm contacts with grouped
alarms
•
Intelligent battery management:
• Temperature compensation (requires
optional cables)
• Programmable battery load testing
with data logging
• Symmetry (requires optional cables)
• Programmable low voltage disconnect
•
Optional Ethernet (SNMP compatible)
interface module
•
Natural convection cooled - no fans
•
International standards compliance
Description
PPS 10 modular DC power shelf systems provide large power system features in cost-effective, rack-mounted
form factors. These shelf power solutions provide rectification, system management, and power distribution
while maintaining high reliability and offering flexibility for future expansion. The PPS 10 systems are based on
hot-swappable rectifier modules with constant output power available at 1300 W per module.
System management is accomplished through messages and alarms displayed on the system controller’s
(PCU/PCS) LCD screen and can also be displayed remotely via the PC-based PowCom
TM software package.


Similar Part No. - PPS10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS1020 DIOTEC-PPS1020 Datasheet
128Kb / 2P
Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020 Datasheet
181Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPS1020 DIOTEC-PPS1020_13 Datasheet
132Kb / 2P
Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020_14 Datasheet
132Kb / 2P
Surface Mount Schottky Rectifiers
PPS1020 DIOTEC-PPS1020_17 Datasheet
181Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
System Power Supply IC for Car AV Systems
logo
Murata Power Solutions ...
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
AC/DC Front End Power Supply S1U Power Shelf
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
AC/DC Front End Power Supply S1U Power Shelf
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
logo
Bel Fuse Inc.
SPSPFE3-04G BEL-SPSPFE3-04G Datasheet
949Kb / 14P
Power Shelf
logo
Keysight Technologies
N5700 KEYSIGHT-N5700 Datasheet
951Kb / 16P
System DC Power Supplies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
System DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com