Electronic Components Datasheet Search
  English  ▼

X  

PTS645SH15 Datasheet(PDF) 3 Page - ITT Industries

Part # PTS645SH15
Description  6 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS645SH15 Datasheet(HTML) 3 Page - ITT Industries

  PTS645SH15 Datasheet HTML 1Page - ITT Industries PTS645SH15 Datasheet HTML 2Page - ITT Industries PTS645SH15 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-59
B
ACTUATION FORCE
OPTION
CODE
FORCE
L
130 grams
M
160 grams
H
200 grams
K
260 grams
OPTION
HEIGHT “H” or
SCHEMATIC
CODE
LENGTH “L”
TERMINATION
Without EMC pin
With EMC pin
43
4,3 (.169)
Thru-hole
50
5,0 (.197)
Thru-hole
70
7,0 (.275)
Thru-hole
95
9,5 (.374)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
58
5,85 (.230)
Vertical
83
8,35 (.329)
Vertical
15
15,85 (.624)
Vertical
ACTUATOR HEIGHT
13
1
34
2
1
34
2
PTS645 Series
6 mm Tact Switches
43
50
70
95
31
15
39
58
83
ø3,5
(.138)
"H"
ø3,5
(.138)
ø3,3
(.130)
"H"
ø3,5
(.138)
ø3,0
(.118)
"H"
"L"
ø3,3
(.130)
ø3,5
(.138)
"L"
ø3,3
(.130)
ø3,5
(.138)
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,0
(.118)
ø3,5
(.138)
"L"
ø3,5
(.138)
"H"
"L"
85
ø3,5
(.138)
ø3,3
(.130)
"H"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com