Electronic Components Datasheet Search
  English  ▼

X  

PSS Datasheet(PDF) 4 Page - Power-One

Part # PSS
Description  9 - 25 A Switching Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSS Datasheet(HTML) 4 Page - Power-One

  PSS Datasheet HTML 1Page - Power-One PSS Datasheet HTML 2Page - Power-One PSS Datasheet HTML 3Page - Power-One PSS Datasheet HTML 4Page - Power-One PSS Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSS, PSK Series Data Sheet
9 - 25 A Switching Regulator
REV. FEB 09, 2006
Page 4 of 5
www.power-one.com
32 28 24 20 16 12
8
4
Connector type H15
S10010
30 26 22 18 14 10
6
Connector type H15 S4
S10010
32/30
24 20 16 12
4/6
26/28 22 18 14 10/8
H15 S4 connectors for 20 and 25 A types
Mechanical data
Tolerances ±0.3 mm (0.012") unless otherwise indicated.
European
Projection
159 (6.25")
4.5 (0.18")
168.5 (6.63")
80 (3.15")
7 TE
9 TE
Measuring point of
case temperature
T
C
171.93 (6.77") (DIN 41494)
50 (1.97")
S09029
Potentiometer
(option P)
Test sockets
LED OK
PSK
Pin allocation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com