Electronic Components Datasheet Search
  English  ▼

X  

PSL Datasheet(PDF) 1 Page - Power-One

Part # PSL
Description  6 to 12 A Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSL Datasheet(HTML) 1 Page - Power-One

  PSL Datasheet HTML 1Page - Power-One PSL Datasheet HTML 2Page - Power-One PSL Datasheet HTML 3Page - Power-One PSL Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSL Series Data Sheet
6 to 12 A Switching Regulators
APR 05, 2004 revised to JUN 06, 2006
Page 1 of 4
www.power-one.com
Features
• RoHS lead solder exemption compliant
• Efficiency up to 97%
• Low input-output differential voltage
• No derating over temperature
Input voltage up to 144 V DC
Single output of 5.1 to 48 V DC
No input-to-output isolation
Model Selection
Output
Input voltage
Rated power
Efficiency
Type
Options
Vonom
Io nom
Vi
Po tot
htyp
[V DC]
[A]
[V DC]
[W]
[%]
5.1
10
8 - 80
51
79
PSL 5A10-7R
5.1
11
8 - 40
56.1
79
PSL 5A11-2R
5.1
12
7 - 40
61.2
83
PSL 5A12-7R
12
6
18 - 144
72
89
PSL 126-7R
12
8
15 - 80
96
90
PSL 128-7R
12
9
15 - 40
108
90
PSL 129-2R
15
6
22 - 144
90
90
PSL 156-7R
-9, L, i, P, C, D
15
8
19 - 80
120
91
PSL 158-7R
D1, A
15
9
19 - 40
135
91
PSL 159-2R
24
6
31 - 144
144
94
PSL 246-7R
24
8
29 - 80
192
94
PSL 248-7R
24
9
29 - 60
216
94
PSL 249-2R
36
6
44 - 144
216
96
PSL 366-7R
36
8
42 - 80
288
96
PSL 368-7R
48
6
58 - 144
288
97
PSL 486-7R


Similar Part No. - PSL

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PSL EATON-PSL Datasheet
146Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
The Compact Power Transformer
More results

Similar Description - PSL

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
PSR52-7 POWER-ONE-PSR52-7_06 Datasheet
70Kb / 3P
1 to 6 A Switching Regulator
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
A 6 -12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com