Electronic Components Datasheet Search
  English  ▼

X  

RI-01C Datasheet(PDF) 1 Page - Coto Technology

Part # RI-01C
Description  Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-01C Datasheet(HTML) 1 Page - Coto Technology

  RI-01C Datasheet HTML 1Page - Coto Technology RI-01C Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
130
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
RI-01C Series Dry Reed Switch
RI-01C Series
Pico dry-reed switch hermetically sealed in a gas-filled glass envelope.
Single-pole, single-throw (SPST) type, having normally open con-
tacts, and containing two magnetically actuated reeds.
The switch is of the double-ended type and may be actuated by an
electromagnet, a permanent magnet or a combination of both.
The device is intended for use in relays, sensors, pulse counters or
similar devices.
RI-01C Series Features
Ideal for general purpose reed relays and sensors
Contact layers: ruthenium on gold
Superior glass-to-metal seal and blade alignment
General data for all models RI-01C
AT-Customization / Preformed Leads
Besides the standard models, customized products can
also be supplied offering the following options:
! Operate and release ranges to customer specification
! Cropped and/or preformed leads
Coils
All characteristics are measured using the Philips
Standard Coil. For definitions of the Philips Standard
Coil, refer to
“Application Notes” in the Reed Switch
Technical & Application Information Section of this
catalog.
Life expectancy and reliability
The life expectancy data given below are valid for a coil
energized at 1.25 times the published maximum operate
value for each type in the RI-01C series.
No-load conditions (operating frequency: 100 Hz)
Life expectancy: min. 108 operations with a failure rate
of less than 10-9 with a confidence level of 90%.
End of life criteria:
Contact resistance > 1
Ω after 2 ms
Release time > 2ms (latching or contact sticking).
Dimensions in inches (mm)
Loaded conditions (resistive load: 12V; 4 mA;
(15 mA peak); operating frequency: 170 Hz)
Life expectancy: min. 106 operations
End of life criteria:
Contact resistance > 2
Ω after 4 ms
Release time > 0.7 ms (latching or contact sticking).
Switching different loads involves different life expect-
ancy and reliability data. Further information is avail-
able on request.
Mechanical Data
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 100 mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 150 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close, nor a switch
kept closed by an 80 AT coil to open.


Similar Part No. - RI-01C

ManufacturerPart #DatasheetDescription
logo
Comus International
RI-01C COMUS-RI-01C Datasheet
614Kb / 3P
RI-01C Series Dry Reed Switch
RI-01CSMD COMUS-RI-01CSMD Datasheet
1Mb / 4P
RI-01C SMD Series Dry Reed Switch
More results

Similar Description - RI-01C

ManufacturerPart #DatasheetDescription
logo
Coto Technology
RI-01B COTO-RI-01B Datasheet
212Kb / 2P
Dry Reed Switch
RI-02 COTO-RI-02 Datasheet
191Kb / 2P
Dry Reed Switch
RI-02SMD COTO-RI-02SMD Datasheet
209Kb / 2P
Dry Reed Switch
RI-03 COTO-RI-03 Datasheet
220Kb / 2P
Dry Reed Switch
RI-05 COTO-RI-05 Datasheet
212Kb / 2P
Dry Reed Switch
RI-25 COTO-RI-25 Datasheet
242Kb / 2P
Dry Reed Switch
RI-26 COTO-RI-26 Datasheet
226Kb / 2P
Dry Reed Switch
RI-29 COTO-RI-29 Datasheet
212Kb / 2P
Dry Reed Switch
RI-44 COTO-RI-44 Datasheet
196Kb / 2P
Dry Reed Switch
RI-08 COTO-RI-08 Datasheet
97Kb / 2P
Dry Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com