Electronic Components Datasheet Search
  English  ▼

X  

RI-05 Datasheet(PDF) 2 Page - Coto Technology

Part # RI-05
Description  Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-05 Datasheet(HTML) 2 Page - Coto Technology

  RI-05 Datasheet HTML 1Page - Coto Technology RI-05 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
129
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
RI-05 Series Dry Reed Switch
close, nor a switch kept closed by an 80 AT coil to
open.
Vibration
The switches are tested in accordance with “
IEC 68-
2-6”, test Fc (acceleration 10 G; below cross-over
frequency 57 to 62 Hz; amplitude 0.75 mm; fre-
quency range 10 to 2000 Hz, duration 90 minutes in
each direction). Such a vibration will not cause an
open switch (no magnetic field present) to close, nor
a switch kept closed by an 80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in
accordance with “
IEC 68-2-21”, test Ua
1 (load 10 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C; max:
+75°C. Storage temperature; min: -55°C; max:
+125°C. Note: Temperature excursions up to 150°C
may be permissible. For more information contact
your nearest Coto Technology sales office.
Soldering
The switch can withstand soldering heat in accor-
dance with “
IEC 68-2-20”, test Tb, method 1B:
solder bath at 350 ±10°C for 3.5 ±0.5 s. Solderabil-
ity is tested in accordance with “IEC 68-2-20”, test
Ta, method 3: solder globule temperature 235°C;
ageing 1b: 4 hours steam.
Welding
The leads can be welded.
Mounting
The leads should not be bent closer than 1 mm to
the glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray mag-
netic fields from influencing the operating and
measuring conditions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com