Electronic Components Datasheet Search
  English  ▼

X  

RI-70 Datasheet(PDF) 2 Page - Coto Technology

Part # RI-70
Description  Dry Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RI-70 Datasheet(HTML) 2 Page - Coto Technology

  RI-70 Datasheet HTML 1Page - Coto Technology RI-70 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
101
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
RI-70 Series Dry Reed Switch
Mechanical Data
Contact arrangement is normally open; lead finish is
tinned; net mass is approximately 70 mg; and can be
mounted in any position.
Shock
The switches are tested in accordance with “IEC 68-2-
27”, test Ea (peak acceleration 100 G, half sinewave;
duration 11 ms). Such a shock will not cause an open
switch (no magnetic field present) to close.
Vibration
The switches are tested in accordance with “IEC 68-2-
26”, test Fc (acceleration 10G; below cross-over fre-
quency 57 to 62 Hz; amplitude 0.75 mm; frequency
range 10 to 2000 Hz; duration 90 minutes.) Such a
vibration will not cause an open switch (no magnetic
field present) to close, nor a switch kept closed by an
80 AT coil to open.
Mechanical Strength
The robustness of the terminations is tested in accor-
dance with “IEC 68-2-21”, test Ua
1 (load 10 N).
Operating and Storage Temperature
Operating ambient temperature; min: -55°C;
max: +125°C. Storage temperature; min: -55°C; max:
+125°C. Note: Temperature excursions up to 150°C
may be permissible. For more information contact your
nearest Coto Technology sales office.
Soldering
The switch can withstand soldering heat in accordance
with “IEC 68-2-20”, test Tb, method 1B: solder bath at
350 ±10° C for 3.5 ±0.5 s. Solderability is tested in
accordance with “IEC 68-2-20” test Ta, method 3:
solder globule temperature 235°C; ageing 1b: 4 hours
steam.
Welding
The leads can be welded.
Mounting
The leads should not be bent closer than 1 mm to the
glass-to-metal seals. Stress on the seals should be
avoided. Care must be taken to prevent stray magnetic
fields from influencing the operating and measuring
conditions.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com