Electronic Components Datasheet Search
  English  ▼

X  

TLN Datasheet(PDF) 1 Page - Littelfuse

Part # TLN
Description  Telecommunications Power Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TLN Datasheet(HTML) 1 Page - Littelfuse

  TLN Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telecom Products
78
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
TLN Series Telecommunications Power Fuse
170 VDC • Current-Limiting • 1 – 600 Amperes
The TLN Series fuses are specifically designed for the protection of
telecommunications DC power distribution circuits.
F
A
FIG. 1
D
G
E
C
B
D
J
F
FIG. 2
A
B
C
A
H
K
Ampere Rating
Dimensions in Inches (mm in parentheses)
A
B
C
D
E
F
G
H
J
K
Figure 1
1 – 30
2 (50.8)
1
⁄2 (12.7)
1
⁄2 (12.7)
9
⁄16 (14.3)
5
⁄64 (2.0)
5
⁄32 (4.0)
3
⁄8 (9.5)
—
—
—
35 – 60
3 (76.2)
3
⁄4 (19.1)
5
⁄8 (15.9)
13
⁄16 (20.6)
3
⁄32 (2.4)
3
⁄16 (4.8)
5
⁄8 (15.9)
—
—
—
Figure 2
70 – 100
57⁄8 (149.2)
1 (25.4)
11⁄16 (27.0)
11⁄16 (27.0)
1
⁄8 (3.2)
3
⁄4 (19.1)
11⁄4 (31.6)
1
⁄4 (6.4)
9
⁄32 (7.1)
1
⁄2 (12.7)
110 – 200
71⁄8 (181.0)
11⁄2 (38.1)
115⁄32 (37.3)
119⁄32 (40.5)
3
⁄16 (4.8)
11⁄8 (28.6)
127⁄32 (46.8)
7
⁄16 (11.1)
9
⁄32 (7.1)
11
⁄16 (17.5)
225 – 400
85⁄8 (219.1)
2 (50.8)
115⁄16 (49.2)
23⁄32 (53.2)
1
⁄4 (6.4)
15⁄8 (41.3)
211⁄32 (59.5)
5
⁄8 (15.9)
13
⁄32 (10.3)
15
⁄16 (23.8)
450 – 600
103⁄8 (263.5)
21⁄2 (63.5)
23⁄8 (60.3)
219⁄32 (65.9)
1
⁄4 (6.4)
2 (50.8)
227⁄32 (72.2)
3
⁄4 (19.1)
17
⁄32 (13.5)
11⁄8 (28.6)
Specifications
Voltage Rating:
170 VDC
Interrupting Rating:
100,000 amperes
Ampere Range:
1 – 600 amperes
Approvals:
UL Recognized under the components program
(File No: E71611)
Ampere Ratings
1
15
40
80
150
300
600
3
20
45
90
175
350
5
25
50
100
200
400
6
30
60
110
225
450
10
35
70
125
250
500
Example part number (series & amperage): TLN450
Recommended Fuse Blocks
LR250 Series
Refer to the Blocks & Holders section of this catalog for additional information.
Features
• 170 VDC
• Fast acting and current-limiting
• 1 to 600 amperes
• Dimensionally similar to 250V Class R fuses
Replaces competitors’ TPN and TGN Series.


Similar Part No. - TLN

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLN AVX-TLN Datasheet
218Kb / 4P
High Capacitance Tantalum Solid Electrolytic Chip Capacitors Undertab Series
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-G4SF-513-XX-BL TAITRON-TLN-G4SF-513-XX-BL Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
TLN-H4Q5-583-XX-BL TAITRON-TLN-H4Q5-583-XX-BL Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
More results

Similar Description - TLN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L17T70 LITTELFUSE-L17T70 Datasheet
419Kb / 1P
L17T Series Telecommunications Power Fuse
TLS001 LITTELFUSE-TLS001 Datasheet
464Kb / 1P
TLS Series Telecommunications Power Fuse
TLS LITTELFUSE-TLS_05 Datasheet
164Kb / 1P
Telecommunications Power Fuse
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
Over-current power protection-fuse
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
Over-current power protection-fuse
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FD-4030-12A-C1-C CYNTEC-FD-4030-12A-C1-C Datasheet
1,017Kb / 10P
FUSE
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com