Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 26 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 22Page - Texas Instruments LOG200 Datasheet HTML 23Page - Texas Instruments LOG200 Datasheet HTML 24Page - Texas Instruments LOG200 Datasheet HTML 25Page - Texas Instruments LOG200 Datasheet HTML 26Page - Texas Instruments LOG200 Datasheet HTML 27Page - Texas Instruments LOG200 Datasheet HTML 28Page - Texas Instruments LOG200 Datasheet HTML 29Page - Texas Instruments LOG200 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
7.2.1.3 Application Curves
The following figures show oscilloscope captures of the LOG200 output as the device responds to one-decade
shifts in the input current. Rising and falling steps between 10nA and 100nA, and between 10µA and 100µA,
were recorded. The oscilloscope was set to use the ac-coupled path.
For the current steps between 10nA and 100nA, a 10mA laser diode bias was used. A rise time of approximately
268ns and a fall time of approximately 626ns are observed.
Figure 7-6. 10nA-to-100nA Current Step
Figure 7-7. 100nA-to-10nA Current Step
For the current steps between 10µA and 100µA, a 13mA laser diode bias was used. A rise time of approximately
45.60ns and a fall time of approximately 55.60ns are observed.
Figure 7-8. 10µA-to-100µA Current Step
Figure 7-9. 100µA-to-10µA Current Step
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com