Electronic Components Datasheet Search
  English  ▼

X  

LOG200RGTT Datasheet(PDF) 24 Page - Texas Instruments

Part # LOG200RGTT
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTT Datasheet(HTML) 24 Page - Texas Instruments

Back Button LOG200RGTT Datasheet HTML 20Page - Texas Instruments LOG200RGTT Datasheet HTML 21Page - Texas Instruments LOG200RGTT Datasheet HTML 22Page - Texas Instruments LOG200RGTT Datasheet HTML 23Page - Texas Instruments LOG200RGTT Datasheet HTML 24Page - Texas Instruments LOG200RGTT Datasheet HTML 25Page - Texas Instruments LOG200RGTT Datasheet HTML 26Page - Texas Instruments LOG200RGTT Datasheet HTML 27Page - Texas Instruments LOG200RGTT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
7.2 Typical Application
7.2.1 Optical Current Sensing
A common use case for the LOG200 is an optical current sense circuit, using an external photodiode. Figure 7-5
shows an implementation using an InGaAs, PIN photodiode for a λ = 1.31μm application. This design uses ±5V
supplies, and is intended for use with input currents from 10nA to 100µA. Decoupling capacitors are not shown
for brevity. The design can be easily implemented using the LOG200 Evaluation Module board. For additional
information, bench measurements, and examples for interfacing the LOG200 with photodiodes, see the Perform
Accurate Optical Power Measurements With The LOG200 application note.
100
To Oscilloscope
Photodiode
+
–
+
–
+
–
I2
I1
PD
Bias
IBIAS
VCM
+
–
REFGND
+
–
2.5V
1.65V
REF25
REF165
+
–
REFA
OUTA
OUTB
–IN
+IN
VS+
VS–
VS+
1μA
IREF
I2
I1
2.5V
2.5V
5V
5V
LOG200
–5V
Figure 7-5. LOG200 Optical Current-Sensing Application
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com