Electronic Components Datasheet Search
  English  ▼

X  

MMBZ30VCLDBZR Datasheet(PDF) 3 Page - Texas Instruments

Part # MMBZ30VCLDBZR
Description  MMBZ30VCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MMBZ30VCLDBZR Datasheet(HTML) 3 Page - Texas Instruments

  MMBZ30VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ30VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4 Pin Configuration and Functions
Figure 4-1. DBZ Package, 3-Pin SOT-23 (Top View)
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
NO.
AN1
1
Anode of diode 1
AN2
2
Anode of diode 2
CC
3
Common Cathode
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
PPP
IEC 61643-321 Power (tp - 10/1000µs) at 25°C
20
W
IPP
IEC 61643-321 Current (tp - 10/1000µs) at 25°C
0.5
A
TA
Operating free-air temperature
-55
150
°C
TJ
Junction temperature
-55
150
Tstg
Storage temperature
-65
155
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings—JEDEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001 (1)
± 2500
V
Charged device model (CDM), per JEDEC
specification JS-002 (2)
± 1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard
ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard
ESD control process.
5.3 ESD Ratings—IEC Specification
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air-gap Discharge, all pins
±30000
www.ti.com
MMBZ30VCL
SLVSIA0 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MMBZ30VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com