Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 9Page - Texas Instruments OPA328 Datasheet HTML 10Page - Texas Instruments OPA328 Datasheet HTML 11Page - Texas Instruments OPA328 Datasheet HTML 12Page - Texas Instruments OPA328 Datasheet HTML 13Page - Texas Instruments OPA328 Datasheet HTML 14Page - Texas Instruments OPA328 Datasheet HTML 15Page - Texas Instruments OPA328 Datasheet HTML 16Page - Texas Instruments OPA328 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
5.7 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, VCM = VOUT = mid-supply, CL = 20 pF, and RL = 10 kΩ (unless otherwise noted)
Supply Voltage − Output Voltage (V)
0.001
0.002
0.005
0.01
0.02 0.03 0.050.07 0.1
0
20
40
60
80
100
120
140
RL = 10 k
RL = 2 k
Figure 5-25. Open-Loop Gain vs Output to Supply Voltage Delta
Supply Voltage − Output Voltage (V)
0.001
0.002
0.005
0.01
0.02 0.03 0.050.07 0.1
0
20
40
60
80
100
120
140
TA = −40C
TA = 0C
TA = 25C
TA = 85C
TA = 125C
RL = 2 kΩ
Figure 5-26. Open-Loop Gain vs Output to Supply Voltage Delta
Capacitance (pF)
10
20
30 40 50 70 100
200 300
500 700 1000
0
5
10
15
20
25
30
RISO = 0 
RISO = 25 
RISO = 50 
G = –1
Figure 5-27. Small-Signal Overshoot vs Load Capacitance
Capacitance (pF)
10
20
30 40 50 70 100
200 300
500 700 1000
10
15
20
25
30
35
40
45
50
55
60
65
70
RISO = 0 
RISO = 25 
RISO = 50 
G = +1
Figure 5-28. Small-Signal Overshoot vs Load Capacitance
Output Amplitude (VRMS)
1E-5
2E-5
5E-5
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
100m
1
-140
-120
-100
-80
-60
G = −1, RL = 10 k
G = −1, RL = 2 k
G = −1, RL = 600 
G =
+1, RL = 10 k
G =
+1, RL = 2 k
G =
+1, RL = 600 
f = 1 kHz
Figure 5-29. THD+N vs Amplitude
Frequency (Hz)
0.0001
0.0002
0.0003
0.0004
0.0005
0.0007
0.001
0.002
20
200
2k
20k
-120
-100
G = −1, RL = 10 k
G = −1, RL = 2 k
G = −1, RL = 600 
G =
+1, RL = 10 k
G =
+1, RL = 2 k
G =
+1, RL = 600 
VOUT = 1 VRMS
Figure 5-30. THD+N vs Frequency
www.ti.com
OPA328, OPA2328
SBOS957D – FEBRUARY 2022 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com