Electronic Components Datasheet Search
  English  ▼

X  

MCP2140 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2140
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 5 Page - Microchip Technology

  MCP2140 Datasheet HTML 1Page - Microchip Technology MCP2140 Datasheet HTML 2Page - Microchip Technology MCP2140 Datasheet HTML 3Page - Microchip Technology MCP2140 Datasheet HTML 4Page - Microchip Technology MCP2140 Datasheet HTML 5Page - Microchip Technology MCP2140 Datasheet HTML 6Page - Microchip Technology MCP2140 Datasheet HTML 7Page - Microchip Technology MCP2140 Datasheet HTML 8Page - Microchip Technology MCP2140 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 5
MCP2122
2.0
DEVICE OPERATION
The MCP2122 is a low-cost infrared encoder/decoder.
The baud rate is the same for the host UART and IR
interfaces and is determined by the frequency of the
16XCLK signal, with a maximum baud rate of
115.2 Kbaud.
The MCP2122 is made up of these functional modules:
• Clock Driver (16XCLK)
• Reset
• IR Encoder/Decoder
- IrDA Standard Encoder
- IrDA Standard Decoder
The 16XCLK circuit allows a clock input to provide the
device clock.
The Reset circuit supports an external reset signal.
The IR Encoder logic takes a data bit and converts it to
the IrDA standard signal according to the IrDA standard
Physical Layer specification, while the IR Decoder
logic takes the IrDA standard signal and converts it to
8-bit data bytes.
2.1
Power-up
As the device is powered up, there will be a voltage
range in which the device will not operate properly. The
device should be reset once it has entered the normal
operating range (from an out-of-voltage condition). The
RESET pin may then be forced high.
Other device operating parameters (such as frequency,
temperature, etc.) must also be within their operating
ranges when the device exits reset. Otherwise, the
device may not function as desired.
2.2
Device Reset
The MCP2122 is forced into the known state (RESET)
when the RESET pin is in the low state. Once the
RESET pin is brought to a high state, the device begins
normal operation (if the device operating parameters
are met). Table 2-1 shows the states of the output pins
while the device is in reset (RESET = Low). Table 2-2
shows the state of the output pins once the device exits
reset, RESET = L
H (device in Normal Operation
mode).
The MCP2122 has a RESET noise filter in the RESET
input signal path. The filter will detect and ignore small
pulses.
Using the RESET pin to enter a low-power state is
discussed in Section 2.9 “Minimizing Power”.
TABLE 2-1:
DEFAULT OUTPUT PIN
STATES IN DEVICE RESET
TABLE 2-2:
DEFAULT OUTPUT PIN
STATES AFTER DEVICE
RESET (RESET = L
H)
2.3
Decoupling
It is highly recommended that the MCP2122 have a
decoupling capacitor (CBYP). A 0.01 µF capacitor is
recommended as a starting value, but an evaluation of
the best value for your circuit/layout should be
performed. Place this decoupling capacitor (CBYP) as
close to the MCP2122 as possible (see Figure 2-1).
FIGURE 2-1:
DEVICE DECOUPLING
Input Pin
Output Pin
State
Comments
Name
State
RX
TXIR
RESET
L
H
L
Device in Reset mode
Input Pin
Output Pin
State
Comments
Name State
RX
TXIR
TX
L
—
L
H
L
After 7 - 8 16XCLK
pulses, the TXIR pin
will pulse high.
H—
L
RXIR
L
H
L
—
After 4 16XCLK pulses,
RX = L.
HH
—
VDD
(bypass
capacitor)
MCP2122
VDD
RESET
VSS
16XCLK
TX
RX
TXIR
RXIR
CBYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com