Electronic Components Datasheet Search
  English  ▼

X  

TOE Datasheet(PDF) 1 Page - Littelfuse

Part # TOE
Description  Blade Fuse Rated 58V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TOE Datasheet(HTML) 1 Page - Littelfuse

  TOE Datasheet HTML 1Page - Littelfuse TOE Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blade Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse • Automotive Circuit Protection Products
TOE MAXI™ Style Blade Fuse Rated 58V
Specifications
DIN 72581-3
UL 248 Special Purpose Fuses
cULus Recognized: File No. E211637
Insulating body:
Out of thermoplastic (UL 94-V0, heat-resistant)
Cover:
Out of thermoplastic (V0, transparent),
Visible melting-element
Connections:
Blade contacts
Copper alloy, gal, Sn / alliage cuivreux, gal. Sn
Edge-protected
Breaking capacity:1,000 A, 58 VDC
Packaging unit:
1,000 pieces
The TOE is a MAXI style fuse rated at 58V, featuring three piece
design with copper contacts for excellent reliability in harsh
environment conditions and low voltage drop. Current ratings
20A thru 70A. With see-trough cover for easy detection of
blown fuses.
TOE ist eine Sicherung in MAXI-Bauform mit 58V
Nennspannung. Merkmale sind dreiteiliger Aufbau mit
Kupferkontakten, niedriger Spannungsabfall und hohe
Zuverlässigkeit unter rauen Umgebungsbedingungen.
Nennstrom 20A bis 70A, transparente Abdeckung zur leichten
Erkennung durchgebrannter Sicherungen.
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
110
100 h / –
135
60 s / 1,800 s
200
2 s / 60 s
350
200 ms / 7 s
600
40 ms / 1 s
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
Standard DIN max.
Littelfuse max.
142.6885.5202
20 A
125 mV
110 mV
3.70 m
Ω
1,900 A²s
142.6885.5302
30 A
100 mV
100 mV
2.20 m
Ω
6,000 A²s
142.6885.5402
40 A
100 mV
80 mV
1.60 m
Ω
12,000 A²s
142.6885.5502
50 A
100 mV
85 mV
1.20 m
Ω
26,000 A²s
142.6885.5602
60 A
100 mV
85 mV
0.90 m
Ω
45,000 A²s
142.6885.5702
70 A
100 mV
80 mV
0.80 m
Ω
70,000 A²s
Corresponding holder see Section “Fuse Holders.”


Similar Description - TOE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
255.1000.000 LITTELFUSE-255.1000.000_1 Datasheet
156Kb / 1P
Battery Clamp for CF8 Fuse Rated 58V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0995020 LITTELFUSE-0995020 Datasheet
236Kb / 2P
JCASE짰 Cartridge Fuse Rated 58V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TFATO LITTELFUSE-TFATO Datasheet
169Kb / 1P
Blade Fuse Rated 90V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
142.6185.410 LITTELFUSE-142.6185.410 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Copper alloy, gal. Sn plated
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com