Electronic Components Datasheet Search
  English  ▼

X  

CFPX3000 Datasheet(PDF) 1 Page - Rakon Limited

Part # CFPX3000
Description  A range of European Space Components Coordination (ESCC ) approved crystals.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

CFPX3000 Datasheet(HTML) 1 Page - Rakon Limited

  CFPX3000 Datasheet HTML 1Page - Rakon Limited CFPX3000 Datasheet HTML 2Page - Rakon Limited CFPX3000 Datasheet HTML 3Page - Rakon Limited CFPX3000 Datasheet HTML 4Page - Rakon Limited CFPX3000 Datasheet HTML 5Page - Rakon Limited CFPX3000 Datasheet HTML 6Page - Rakon Limited CFPX3000 Datasheet HTML 7Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CFPX3000
-------
-------
A range of European Space Components Coordination (ESCC ) approved crystals. For
use in space applications.
-------
-------
Rakon has had a range of quartz crystal units approved to the requirements of ESCC, as
defined in the ESCC generic specification for 30 years. Rakon can therefore provide
customers with a source of released quartz crystal units, suitable for use in any ESA
project. New type variants can be raised to cover specific customer applications
providing the requirement is within the scope of the ESCC detail specifications. The
applicable generic specification is ESCC 3501. The applicable detailed specifications
(concerning Rakon approval) are : CFPX3750: 3501/001, 3501/008, 3501/011,
3501/012, 3501/018 CFPX3758: 3501/002, 3501/009, 3501/019.
-------
Product description
-------
These crystals are available in two types of holders : T807 cold welded, frequency range
14MHz to 140MHz and T1507 cold welded, frequency range 3MHz to 50MHz.
-------
Applications
-------
• Other
• Satellite Communication
• Communications
• Guidance
• Navigation
-------
Features
-------
• All processing and testing is performed in accordance with an ESCC approved Process
Identification Document (PID)
• Fully approved to the requirements of ESCC system
• Lot acceptance testing (LAT) is performed to the level specified by the customer
• Variants tailored to specific customer requirements
-------
Specifications
-----
1.0
-------
SPECIFICATION REFERENCES
-------
Line
Parameter
Test Condition
1.1
Model description
CFPX3000
1.2
RoHS compliant
Yes
1.3
Package sizes available
10.7mm x 8.8mm (CFPX3750)
1.4
Package sizes available
15.75mm x 6.8mm (CFPX3758)
1.5
Package sizes available
22.0mm x 11.8mm (Non ESCC)
-----
2.0
-------
FREQUENCY RANGE
-------
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency range
CFPX3750 in fundamental, 3rd overtone and 5th overtone mode
14 to 140
MHz
2.2
Frequency range
CFPX3758 in fundamental, 3rd overtone and 5th overtone mode
3 to 50
MHz
2.3
Frequency range
Non ESCC. AT-Cut. CNES approved
2 to 50
MHz
2.4
Frequency stability
over temperature
Customer specified (see customer order form)
2.5
Temperature range
Customer specified (see customer order form)
2.6
Load sensitivity
Customer specified (see customer order form)
2.7
Long term stability
Customer specified (see customer order form)
-----
3.0
-------
ENVIRONMENTAL
-------
Line
Parameter
Test Condition
3.1
Storage temperature
Customer specified (see customer order form)
3.2
Final production test
flow
CFPT3000 (see final production test flow diagram)
-----
4.0
-------
MARKING
-------
Line
Parameter
Test Condition
4.1
Type
Engraved
4.2
Line 1
RAKON and manufacturing identification
-----
5.0
-------
MANUFACTURING INFORMATION
-------
Line
Parameter
Test Condition
5.1
Reflow shift
Hand soldering
5.2
Packaging description
As per customised requirements
-------
Rakon Product Specification
Page 1


Similar Part No. - CFPX3000

ManufacturerPart #DatasheetDescription
logo
TEMEX
CFPX3000 TEMEX-CFPX3000 Datasheet
409Kb / 7P
A range of European Space Components Coordination (ESCC ) approved crystals
More results

Similar Description - CFPX3000

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S21ME SHARP-S21ME Datasheet
82Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
logo
Advanced Crystal Techno...
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
logo
Cooper Bussmann, Inc.
EP2M23012GCC COOPER-EP2M23012GCC Datasheet
136Kb / 2P
Coordination Module
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
TEMEX
CFPX3000 TEMEX-CFPX3000 Datasheet
409Kb / 7P
A range of European Space Components Coordination (ESCC ) approved crystals
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
Surface Mount Fuse for Space Application, ESCC QPL Listed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com