Electronic Components Datasheet Search
  English  ▼

X  

RTF2012 Datasheet(PDF) 1 Page - Rakon Limited

Part # RTF2012
Description  Tuning Fork Crystal | Mobile Communications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RTF2012 Datasheet(HTML) 1 Page - Rakon Limited

  RTF2012 Datasheet HTML 1Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tuning Fork Crystal | Mobile Communications
Issue: D, 29 September 2022
Specifications are subject to change without notice
Copyright © 2013 to 2022 Rakon Limited. All rights reserved
Page 1 of 1
www.rakonxpress.com
RTF2012 – SMD Tuning Fork Crystal
2.0 x 1.2 mm, SMD
Frequency and Electrical Characteristics
Parameter
Min.
Typ.
Max.
Unit
Test condition / Description
Nominal frequency (Fn)
32.768
kHz
Frequency tolerance
±20
ppm
At 25°C
Turnover temperature (°C)
25 ±5
°C
Parabolic coefficient
-0.03 ±0.01
ppm/°C2
Motional capacitance
5.0
fF
Drive level
0.5
µW
Operating temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C
Load capacitance (Lc)
Standard part number1: 106466
106082
106180
6, 9, 12.5
6
9
12.5
pF
±20 ppm frequency tolerance
Motional resistance (ESR)
80
kΩ
Standard Packing Quantity (SPQ)
9000
pcs/reel
Φ300mm reel
Model Outline, Recommended Pad Layout and Marking
1
Consult Rakon sales representatives for other specifications. All specifications and markings are subject to change without notice.
Code Dimension (mm)
A
2.0 ± 0.1
B
1.2 ± 0.1
C
0.6 max.
D
1.0 ± 0.1
E
0.5 ± 0.1
F
0.8 ± 0.1
G
1.4 ± 0.1
H
0.7 ± 0.1
J
0.8 ± 0.1
Product Features
•
Compact, low profile (2.0 x 1.2 x 0.6 mm) and lightweight SMD tuning
fork crystal resonator.
•
Ceramic package and metal lid assures extreme accuracy and
high−reliability through utilising electron beam sealing method.
•
Applications: Microprocessors, Mobile Communications, DVC / DSC,
SSD /HDD, GNSS and general purpose.
Marking







Similar Part No. - RTF2012

ManufacturerPart #DatasheetDescription
logo
TEMEX
RTF2012 TEMEX-RTF2012 Datasheet
262Kb / 1P
Ceramic package and metal lid assures extreme accuracy
More results

Similar Description - RTF2012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
Tuning Fork Crystal
28-Mar-03
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
Tuning Fork Crystal
18-Oct-07
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
Tuning Fork Crystal
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
logo
Raltron Electronics Cor...
R26-32.768-12.5-EXT-SMD RALTRON-R26-32.768-12.5-EXT-SMD Datasheet
374Kb / 3P
TUNING FORK CRYSTAL
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
Tuning Fork Crystal
logo
AiT Semiconductor Inc.
KMC7015 AITSEMI-KMC7015 Datasheet
236Kb / 1P
TUNING FORK CRYSTAL
KMC8038 AITSEMI-KMC8038 Datasheet
225Kb / 1P
TUNING FORK CRYSTAL
KSM1610 AITSEMI-KSM1610 Datasheet
221Kb / 1P
TUNING FORK CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com