Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2596
Description  3.0 A, Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596 Datasheet(HTML) 2 Page - ON Semiconductor

  LM2596 Datasheet HTML 1Page - ON Semiconductor LM2596 Datasheet HTML 2Page - ON Semiconductor LM2596 Datasheet HTML 3Page - ON Semiconductor LM2596 Datasheet HTML 4Page - ON Semiconductor LM2596 Datasheet HTML 5Page - ON Semiconductor LM2596 Datasheet HTML 6Page - ON Semiconductor LM2596 Datasheet HTML 7Page - ON Semiconductor LM2596 Datasheet HTML 8Page - ON Semiconductor LM2596 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM2596
www.onsemi.com
2
Figure 1. Typical Application and Internal Block Diagram
12 V
Unregulated
DC Input
L1
33
mH
GND
+Vin
1
Cin
100
mF
3ON/OFF
5
Output
2
Feedback
4
D1
1N5822
Cout
220
mF
Typical Application (Adjustable Output Voltage Version)
Block Diagram
Unregulated
DC Input
+Vin
1
Cout
Feedback
4
Cin
L1
D1
R2
R1
Output
2
GND
3
ON/OFF
5
Reset
Latch
Thermal
Shutdown
150 kHz
Oscillator
1.235 V
Band-Gap
Reference
Freq
Shift
30 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
3.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Regulated
Output
Vout
Load
LM2596
5.0 V Regulated
Output 3.0 A Load
R1
R2
3.1k
1.0k
CFF
CFF
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
−
−0.3 V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady−State)
−
−1.0
V
Power Dissipation
Case 314B and 314D (TO−220, 5−Lead)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
65
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Case 936A (D2PAK)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
70
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Minimum ESD Rating (Human Body Model: C = 100 pF, R = 1.5 kW)
−
2.0
kV
Lead Temperature (Soldering, 10 seconds)
−
260
°C
Maximum Junction Temperature
TJ
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com