Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 2 Page - SYC Electronica

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1302 Datasheet(HTML) 2 Page - SYC Electronica

  DS1302 Datasheet HTML 1Page - SYC Electronica DS1302 Datasheet HTML 2Page - SYC Electronica DS1302 Datasheet HTML 3Page - SYC Electronica DS1302 Datasheet HTML 4Page - SYC Electronica DS1302 Datasheet HTML 5Page - SYC Electronica DS1302 Datasheet HTML 6Page - SYC Electronica DS1302 Datasheet HTML 7Page - SYC Electronica DS1302 Datasheet HTML 8Page - SYC Electronica DS1302 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1302 Trickle-Charge Timekeeping Chip
2 of 13
DETAILED DESCRIPTION
The DS1302 trickle-charge timekeeping chip contains a real-time clock/calendar and 31 bytes of static RAM. It
communicates with a microprocessor via a simple serial interface. The real-time clock/calendar provides seconds,
minutes, hours, day, date, month, and year information. The end of the month date is automatically adjusted for
months with fewer than 31 days, including corrections for leap year. The clock operates in either the 24-hour or
12-hour format with an AM/PM indicator.
Interfacing the DS1302 with a microprocessor is simplified by using synchronous serial communication. Only three
wires are required to communicate with the clock/RAM: CE, I/O (data line), and SCLK (serial clock). Data can be
transferred to and from the clock/RAM 1 byte at a time or in a burst of up to 31 bytes. The DS1302 is designed to
operate on very low power and retain data and clock information on less than 1
μW.
The DS1302 is the successor to the DS1202. In addition to the basic timekeeping functions of the DS1202, the
DS1302 has the additional features of dual power pins for primary and backup power supplies, programmable
trickle charger for VCC1, and seven additional bytes of scratchpad memory.
OPERATION
Figure 1 shows the main elements of the serial timekeeper: shift register, control logic, oscillator, real-time clock,
and RAM.
TYPICAL OPERATING CIRCUIT
DS1302
CPU
VCC
V
CC2
SCLK
CE
GND
X2
X1
VCC
I/O
V
CC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com