Electronic Components Datasheet Search
  English  ▼

X  

DS1307 Datasheet(PDF) 9 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 9 Page - SYC Electronica

Back Button DS1307 Datasheet HTML 5Page - SYC Electronica DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica DS1307 Datasheet HTML 10Page - SYC Electronica DS1307 Datasheet HTML 11Page - SYC Electronica DS1307 Datasheet HTML 12Page - SYC Electronica DS1307 Datasheet HTML 13Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
9 of 14
CONTROL REGISTER
The DS1307 control register is used to control the operation of the SQW/OUT pin.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OUT
0
0
SQWE
0
0
RS1
RS0
Bit 7: Output Control (OUT). This bit controls the output level of the SQW/OUT pin when the square-wave output
is disabled. If SQWE = 0, the logic level on the SQW/OUT pin is 1 if OUT = 1 and is 0 if OUT = 0. On initial
application of power to the device, this bit is typically set to a 0.
Bit 4: Square-Wave Enable (SQWE). This bit, when set to logic 1, enables the oscillator output. The frequency of
the square-wave output depends upon the value of the RS0 and RS1 bits. With the square-wave output set to 1Hz,
the clock registers update on the falling edge of the square wave. On initial application of power to the device, this
bit is typically set to a 0.
Bits 1 and 0: Rate Select (RS[1:0]). These bits control the frequency of the square-wave output when the square-
wave output has been enabled. The following table lists the square-wave frequencies that can be selected with the
RS bits. On initial application of power to the device, these bits are typically set to a 1.
RS1
RS0
SQW/OUT OUTPUT
SQWE
OUT
0
0
1Hz
1
X
0
1
4.096kHz
1
X
1
0
8.192kHz
1
X
1
1
32.768kHz
1
X
X
X
0
0
0
X
X
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com