Electronic Components Datasheet Search
  English  ▼

X  

LM323 Datasheet(PDF) 5 Page - SYC Electronica

Part # LM323
Description  THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM323 Datasheet(HTML) 5 Page - SYC Electronica

  LM323 Datasheet HTML 1Page - SYC Electronica LM323 Datasheet HTML 2Page - SYC Electronica LM323 Datasheet HTML 3Page - SYC Electronica LM323 Datasheet HTML 4Page - SYC Electronica LM323 Datasheet HTML 5Page - SYC Electronica LM323 Datasheet HTML 6Page - SYC Electronica LM323 Datasheet HTML 7Page - SYC Electronica LM323 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL APPLICATIONS
BASIC 3A REGULATOR
TRIMING OUTPUT TO 5V
C1 = R equired if regul ator is distant from f il ter
capacitors.
CL = Regulator is stable wit h no load capacitor int o
r esistive loads.
LM123-LM223-LM323
5/9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com