Electronic Components Datasheet Search
  English  ▼

X  

CD2399 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD2399
Description  Reverb processor chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD2399 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD2399 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 8Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
无锡中微爱芯电子有限公司
Wuxi I-CORE Electronics Co., Ltd.
表
733-11-I
编号:
CD2399-AX-BJ-31
2.4、功能说明
回音模式(如下图所示)
Low Pass Filter
A/D
Delay Time Circuit
D/A
Low Pass Filter
VIN
VOUT
自动复位功能
电源开启时的信号波形图如下图所示:
江苏省无锡市蠡园经济开发区滴翠路
100 号 9 栋 2 层
第
4 页 共 9 页
http://www.i-core. cn
邮编:
214072
版本:
2012-01-B1
POWER ON
Reset Time =400ms
3、电特性
3.1、 极限参数
除非另有规定,
Tamb=25℃
参 数 名 称
符 号
条 件
额 定 值
单 位
电源电压
VCC
6.5
V
电源电流
ICC
100
mA
电源消耗
PD
1.7
W
工作温度
TOPR
-20~+85
℃
贮存温度
TSTG
-25~+125
℃
DIP 封装
245
焊接温度
TL
10 秒
SOP 封装
250
℃
3.2、推荐使用条件
推 荐 值
参 数 名 称
符 号
最小
典型
最大
单 位
电源电压
VCC
4.5
5
5.5
V
时钟频率
fCK
4
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com