Electronic Components Datasheet Search
  English  ▼

X  

SC1185 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1185
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1185 Datasheet HTML 1Page - Semtech Corporation SC1185 Datasheet HTML 2Page - Semtech Corporation SC1185 Datasheet HTML 3Page - Semtech Corporation SC1185 Datasheet HTML 4Page - Semtech Corporation SC1185 Datasheet HTML 5Page - Semtech Corporation SC1185 Datasheet HTML 6Page - Semtech Corporation SC1185 Datasheet HTML 7Page - Semtech Corporation SC1185 Datasheet HTML 8Page - Semtech Corporation SC1185 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1185 & SC1185A
Programmable Synchronous DC/DC
Converter, Dual LDO Controller
Features
Applications
Revision: July 28, 2005
Description
The SC1185 combines a synchronous voltage mode con-
troller with two low-dropout linear regulators providing
most of the circuitry necessary to implement three DC/
DC converters for powering advanced microprocessors
such as Pentium® II .
The SC1185 switching section features an integrated 5
bit D/A converter, pulse by pulse current limiting, inte-
grated power good signaling, and logic compatible shut-
down. The SC1185 switching section operates at a fixed
frequency of 140kHz, providing an optimum compromise
between size, efficiency and cost in the intended appli-
cation areas. The integrated D/A converter provides pro-
grammability of output voltage from 2.0V to 3.5V in
100mV increments and 1.30V to 2.05V in 50mV incre-
ments with no external components.
The SC1185 linear sections are low dropout regulators
supplying 1.5V for GTL bus and 2.5V for non-GTL I/O.
The Reference voltage is made available for external lin-
ear regulators.
Synchronous design, enables no heatsink solution
95% efficiency (switching section)
5 bit DAC for output programmability
On chip power good function
Designed for Intel Pentium® ll requirements
1.5V, 2.5V @ 1.25% for linear section
1.265V ± 1.5% Reference available
24-lead SO package. Lead free option available.
Lead free product is fully WEEE and RoHS
compliant.
Pentium® ll microprocessor supplies
Flexible motherboards
1.3V to 3.5V microprocessor supplies
Programmable triple power supplies
Typical Application Circuit
1.00k
PWRGOOD
2.5V
+
1500uF
2R2
IRLR3103N
+
330uF
1k
VLIN3
x4
0.1uF
1.9uH
+
330uF
VID3
3.3V
SC1185CS
1
5
6
7
8
9
10
11
15
16
17
18
19
20
21
22
13
12
14
24
2
23
3
4
AGND
VCC
REF
PWRGOOD
CS-
CS+
PGNDH
DH
BSTH
EN
VOSENSE
VID4
VID3
VID2
VID1
VID0
DL
PGNDL
BSTL
GATE2
GATE1
LDOV
LDOS1
LDOS2
+
330uF
VID1
VID0
VID2
+
330uF
2.32k
0.1uF
IRLR024N
+
1500uF
5V
+
4.7uF
1.5V
VID4
x6
5mOhm
IRLR024N
EN
0.1uF
VCC_CORE
2R2
12V
IRLR024N
3.3V
0.1uF
12V
IRLR3103N
10
+
-
LM358
3
2
1
8
4


Similar Part No. - SC1185

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185A SEMTECH-SC1185A Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185A SEMTECH-SC1185A Datasheet
252Kb / 14P
Programmable Synchronous DC/DC
SC1185ACSW SEMTECH-SC1185ACSW Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185ACSW.TR SEMTECH-SC1185ACSW.TR Datasheet
252Kb / 14P
Programmable Synchronous DC/DC
More results

Similar Description - SC1185

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com