Electronic Components Datasheet Search
  English  ▼

X  

TF152 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TF152
Description  1.5A Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF152 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TF152 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF152 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF152 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF152 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5A Fast Recovery Rectifier
Rev. A/DX 2007-06-04
TF151 – TF157
www.taitroncomponents.com
Page 2 of 4
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature Ta (°C)
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Typical Characteristics Curves
Symbol
Description
TF
151
TF
152
TF
153
TF
154
TF
155
TF
156
TF
157
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.3
V
IF=1.5 A
5.0
TA=25° C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
100
µA
TA=100° C
Trr
Typical Reverse
Recovery Time
150
250
500
nS
IF=0.5A, IR=1A,
Irr=0.25A
CJ
Typical Junction
Capacitance
30
pf
VR=4V, f=1MHz
TJ
Operating
Temperature range
-55 to +125
TSTG
Storage Temperature
Range
-55 to +150
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com